Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 8Page - Texas Instruments LM3530 Datasheet HTML 9Page - Texas Instruments LM3530 Datasheet HTML 10Page - Texas Instruments LM3530 Datasheet HTML 11Page - Texas Instruments LM3530 Datasheet HTML 12Page - Texas Instruments LM3530 Datasheet HTML 13Page - Texas Instruments LM3530 Datasheet HTML 14Page - Texas Instruments LM3530 Datasheet HTML 15Page - Texas Instruments LM3530 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
A/D
Vdd
Vsns
Averager
(LPF)
LED Driver
Z 4 target light
Z0 target light
Z1 target light
Z 2 target light
Z 3 target light
Brightness
ALS Select
1
0
VOUT
Light output
Targets for
Each of 5
Ambient
Light zones
User Selectable w/
Typical Defaults
Zone
Discriminator
Ramp
control
0
1
2
3
4
3 bits
Ramp Rate
Selection
ALS Path Functional Diagram
Zline
0
Zline
1
Zline
2
Zline
3
ALSRS
ALS Resistor
Select Register
8 bits
7 bits
7 bits
7 bits
7 bits
7 bits
User Selectable w/
Typical Defaults
Input
Light
Zone
Definiton
Registers
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
8.3 Feature Description
8.3.1 Start-Up
An internal soft-start prevents large inrush currents during start-up that can cause excessive current spikes at the
input. For the typical application circuit (using a 10-µH inductor, a 2.2-µF input capacitor, and a 1-µF output
capacitor) the average input current during start-up ramps from 0 to 300 mA in 3 ms. See Figure 22 in the
Typical Characteristics.
8.3.2 Light Load Operation
The LM3530 boost converter operates in three modes: continuous conduction, discontinuous conduction, and
skip mode. Under heavy loads when the inductor current does not reach zero before the end of the switching
period, the device switches at a constant frequency (500 kHz typical). As the output current decreases and the
inductor current reaches zero before the end of the switching period, the device operates in discontinuous
conduction. At very light loads the LM3530 will enter skip mode operation causing the switching period to
lengthen and the device to only switch as required to maintain regulation at the output. Light load operation
provides for improved efficiency at lighter LED currents compared to continuous and discontinuous conduction.
This is due to the pulsed frequency operation resulting in decreased switching losses in the boost converter.
8.3.3 Ambient Light Sensor
The LM3530 incorporates a dual input Ambient Light Sensing interface (ALS1 and ALS2) which translates an
analog output ambient light sensor to a user-specified brightness level. The ambient light sensing circuit has 4
programmable boundaries (ZB0 – ZB3) which define 5 ambient brightness zones. Each ambient brightness zone
corresponds to a programmable brightness threshold (Z0T – Z4T). The ALS interface is programmable to accept
the ambient light information from either the highest voltage of ALS1 or ALS2, the average voltage of ALS1 or
ALS2, or selectable from either ALS1 or ALS2.
Furthermore, each ambient light sensing input (ALS1 or ALS2) features 15 internal software selectable voltage
setting resistors. This allows the LM3530 the capability of interfacing with a wide selection of ambient light
sensors. Additionally, the ALS inputs can be configured as high impedance, thus providing for a true shutdown
during low power modes. The ALS resistors are selectable through the ALS Resistor Select Register (see
Table 9). Figure 26 shows a functional block diagram of the ambient light sensor input. VSNS represents the
active input as described in Table 6 bits [6:5].
Figure 26. Ambient Light Sensor Functional Block Diagram
12
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com