Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 28Page - Texas Instruments LM3530 Datasheet HTML 29Page - Texas Instruments LM3530 Datasheet HTML 30Page - Texas Instruments LM3530 Datasheet HTML 31Page - Texas Instruments LM3530 Datasheet HTML 32Page - Texas Instruments LM3530 Datasheet HTML 33Page - Texas Instruments LM3530 Datasheet HTML 34Page - Texas Instruments LM3530 Datasheet HTML 35Page - Texas Instruments LM3530 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
Bit 0
Data
Zone Boundary Register 0 (ZB0)
Address 0x60, Default Value 0x33
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
Bit 7
Data
Bit 0
Data
Zone Boundary Register 1 (ZB1)
Address 0x61, Default Value 0x66
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
Bit 7
Data
Bit 0
Data
Zone Boundary Register 2 (ZB2)
Address 0x62, Default Value 0x99
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
Bit 7
Data
Bit 0
Data
Zone Boundary Register 3 (ZB3)
Address 0x63, Default Value 0xCC
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
Bit 7
Data
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
8.6.1.7 Zone Boundary Register
The Zone Boundary Registers are programmed with the ambient light sensing zone boundaries. The default
values are set at 20% (200 mV), 40% (400 mV), 60% (600 mV), and 80% (800 mV) of the full-scale ALS input
voltage range (1V). The necessary conditions for proper ALS operation are that the data in ZB0 < data in ZB1 <
data in ZB2 < data in ZB3.
Figure 47. Zone Boundary Registers
8.6.1.8 Zone Target Registers
The Zone Target Registers contain the LED brightness data that corresponds to the current active ALS zone.
The default values for these registers and their corresponding percentage of full-scale current for both linear and
exponential brightness is shown in Figure 48 and Table 11.
32
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com