Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 32Page - Texas Instruments LM3530 Datasheet HTML 33Page - Texas Instruments LM3530 Datasheet HTML 34Page - Texas Instruments LM3530 Datasheet HTML 35Page - Texas Instruments LM3530 Datasheet HTML 36Page - Texas Instruments LM3530 Datasheet HTML 37Page - Texas Instruments LM3530 Datasheet HTML 38Page - Texas Instruments LM3530 Datasheet HTML 39Page - Texas Instruments LM3530 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
>
L
¨
x
x
x
OUT
SW
V
f
2
¨
©
§
-
SW_MAX
I
¸¸
¹
·
x
OUT
MAX
LED
V
I
_
x
IN
V
K
(
)
-
x
IN
OUT
IN
V
V
V
I =
L
VIN x (VOUT - VIN)
2 x fSW x L x VOUT
L
IN
OUT
LED
PEAK
'I
+
V
V
×
K
I
=
I
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
9.2.2.6 Inductor Selection
The LM3530 is designed to work with a 10-µH to 22-µH inductor. When selecting the inductor, ensure that the
saturation rating for the inductor is high enough to accommodate the peak inductor current. Equation 14 and
Equation 15 calculate the peak inductor current based upon LED current, VIN, VOUT, and efficiency.
(14)
where:
(15)
When choosing L, the inductance value must also be large enough so that the peak inductor current is kept
below the LM3530 switch current limit. This forces a lower limit on L given by Equation 16.
(16)
ISW_MAX is given in , efficiency (η) is shown in the Application Curves, and ƒSW is typically 500 kHz.
Table 15. Suggested Inductors
MANUFACTURER
PART NUMBER
VALUE
SIZE (mm)
RATING (mA)
DC RESISTANCE (
Ω)
(µH)
TDK
VLF3014ST-100MR82
10
2.8 × 3 × 1.4
820
0.25
TDK
VLF3010ST-220MR34
22
2.8 × 3 × 1
340
0.81
TDK
VLF3010ST-100MR53
10
2.8 × 3 × 1
530
0.41
TDK
VLF4010ST-100MR80
10
2.8 × 3 × 1
800
0.25
TDK
VLS252010T-100M
10
2.5 × 2 × 1
650
0.71
Coilcraft
LPS3008-103ML
10
2.95 × 2.95 × 0.8
520
0.65
Coilcraft
LPS3008-223ML
22
2.95 × 2.95 × 0.8
340
1.5
Coilcraft
LPS3010-103ML
10
2.95 × 2.95 × 0.9
550
0.54
Coilcraft
LPS3010-223ML
22
2.95 × 2.95 × 0.9
360
1.2
Coilcraft
XPL2010-103ML
10
1.9 × 2 × 1
610
0.56
Coilcraft
EPL2010-103ML
10
2 × 2 × 1
470
0.91
TOKO
DE2810C-1117AS-100M
10
3 × 3.2 × 1
600
0.46
9.2.2.7 Diode Selection
The diode connected between SW and OUT must be a Schottky diode and have a reverse breakdown voltage
high enough to handle the maximum output voltage in the application. Table 16 lists various diodes that can be
used with the LM3530. For 25-V OVP devices a 30-V Schottky is adequate. For 40-V OVP devices, a 40-V
Schottky diode should be used.
Table 16. Suggested Diodes
MANUFACTURER
PART NUMBER
VALUE
SIZE (mm)
RATING
Diodes Inc
B0540WS
Schottky
SOD-323 (1.7 × 1.3)
40 V/500 mA
Diodes Inc
SDM20U40
Schottky
SOD-523 (1.2 × 0.8 × 0.6)
40 V/200 mA
On Semiconductor
NSR0340V2T1G
Schottky
SOD-523 (1.2 × 0.8 × 0.6)
40 V/250 mA
On Semiconductor
NSR0240V2T1G
Schottky
SOD-523 (1.2 × 0.8 × 0.6)
40 V/250 mA
36
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com