Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 24Page - Texas Instruments LM3530 Datasheet HTML 25Page - Texas Instruments LM3530 Datasheet HTML 26Page - Texas Instruments LM3530 Datasheet HTML 27Page - Texas Instruments LM3530 Datasheet HTML 28Page - Texas Instruments LM3530 Datasheet HTML 29Page - Texas Instruments LM3530 Datasheet HTML 30Page - Texas Instruments LM3530 Datasheet HTML 31Page - Texas Instruments LM3530 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
8.6 Register Maps
8.6.1 Register Descriptions
Table 4. LM3530 Register Definition
REGISTER NAME
FUNCTION
ADDRESS
POR VALUE
1. Simple Interface Enable
2. PWM Polarity
3. PWM enable
General Configuration
4. Full-Scale Current Selection
0x10
0xB0
5. Brightness Mapping Mode
Select
6. I2C Device Enable
1. ALS Current Control Enable
2. ALS Input Enable
ALS Configuration
0x20
0x2C
3. ALS Input Select
4. ALS Averaging Times
Brightness Ramp Rate
Programs the rate of rise and fall
0x30
0x00
of the LED current
ALS Zone Information
1. Zone Boundary Change Flag
0x40
0x00
2. Zone Brightness Information
ALS Resistor Select
Internal ALS1 and ALS2
0x41
0x00
Resistances
Brightness Control (BRT)
Holds the 7 bit Brightness Data
0xA0
0x7F
Zone Boundary 0 (ZB0)
ALS Zone Boundary #0
0x60
0x33
Zone Boundary 1 (ZB1)
ALS Zone Boundary #1
0x61
0x66
Zone Boundary 2 (ZB2)
ALS Zone Boundary #2
0x62
0x99
Zone Boundary 3 (ZB3)
ALS Zone Boundary #3
0x63
0xCC
Zone Target 0 (Z0T)
Zone 0 LED Current Data. The
0x70
0x19
LED Current Source transitions to
the brightness code in Z0T when
the ALS_ input is less than the
zone boundary programmed in
ZB0.
Zone Target 1 (Z1T)
Zone 1 LED Current Data. The
0x71
0x33
LED Current Source transitions to
the brightness code in Z1T when
the ALS_ input is between the
zone boundaries programmed in
ZB1 and ZB0.
Zone Target 2 (Z2T)
Zone 2 LED Current Data. The
0x72
0x4C
LED Current Source transitions to
the brightness code in Z2T when
the ALS_ input is between the
zone boundaries programmed in
ZB2 and ZB1.
Zone Target 3 (Z3T)
Zone 3 LED Current Data. The
0x73
0x66
LED Current Source transitions to
the brightness code in Z3T when
the ALS_ input is between the
zone boundaries programmed in
ZB3 and ZB2.
Zone Target 4 (Z4T)
Zone 4 LED Current Data. The
0x74
0x7F
LED Current Source transitions to
the brightness code in Z4T when
the ALS_ input is between the
zone boundaries programmed in
ZB4 and ZB3.
28
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com