Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 29Page - Texas Instruments LM3530 Datasheet HTML 30Page - Texas Instruments LM3530 Datasheet HTML 31Page - Texas Instruments LM3530 Datasheet HTML 32Page - Texas Instruments LM3530 Datasheet HTML 33Page - Texas Instruments LM3530 Datasheet HTML 34Page - Texas Instruments LM3530 Datasheet HTML 35Page - Texas Instruments LM3530 Datasheet HTML 36Page - Texas Instruments LM3530 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Bit 0
Data
Zone Target Register 0 (ZT0)
Address 0x70, Default Value 0x19
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
N/A
Bit 0
Data
Zone Target Register 1 (ZT1)
Address 0x71, Default Value 0x33
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
N/A
Bit 0
Data
Zone Target Register 2 (ZT2)
Address 0x72, Default Value 0x4C
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
N/A
Bit 0
Data
Zone Target Register 3 (ZT3)
Address 0x73, Default Value 0x66
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
N/A
Bit 0
Data
Zone Target Register 4 (ZT4)
Address 0x74, Default Value 0x7F
MSB
LSB
Bit 1
Data
Bit 2
Data
Bit 3
Data
Bit 4
Data
Bit 5
Data
Bit 6
Data
N/A
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
Figure 48. Zone Target Registers
Table 11. Zone Boundary and Zone Target Default Mapping
ZONE BOUNDARY
ZONE TARGET
FULL-SCALE
LINEAR MAPPING
EXPONENTIAL
(DEFAULT)
REGISTER
CURRENT
(DEFAULT)
MAPPING
(DEFAULT)
(DEFAULT)
(DEFAULT)
Boundary 0,
0x19
19 mA
19.69% (3.74 µA)
0.336% (68.4 µA)
Active ALS input is less than 200 mV
Boundary 1,
0x33
19 mA
40.16% (7.63 µA)
1.43% (272 µA)
Active ALS input is between 200 mV and
400 mV
Boundary 2,
0x4C
19 mA
59.84% (11.37 mA)
5.78% (1.098 mA)
Active ALS input is between 400 mV and
600 mV
Boundary 3,
0x66
19 mA
80.31% (15.26 mA)
24.84% (4.72 mA)
Active ALS input is between 600 mV and
800 mV
Boundary 4,
0x7F
19 mA
100% (19 mA)
100% (19 mA)
Active ALS input is greater than 800mV
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com