Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 5 Page - Texas Instruments

  LM3530 Datasheet HTML 1Page - Texas Instruments LM3530 Datasheet HTML 2Page - Texas Instruments LM3530 Datasheet HTML 3Page - Texas Instruments LM3530 Datasheet HTML 4Page - Texas Instruments LM3530 Datasheet HTML 5Page - Texas Instruments LM3530 Datasheet HTML 6Page - Texas Instruments LM3530 Datasheet HTML 7Page - Texas Instruments LM3530 Datasheet HTML 8Page - Texas Instruments LM3530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
LM3530
www.ti.com
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
7.5 Electrical Characteristics
Typical (TYP) limits are for TA = 25°C; minimum (MIN) and maximum (MAX) apply over the full operating ambient
temperature range (
−40°C ≤ TA ≤ 85°C); VIN = 3.6 V, unless otherwise specified.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILED
Output current regulation
2.7 V
≥ VIN ≥ 5.5 V, Full-scale current = 19
17.11
18.6
20.08
mA
mA, BRT Code = 0x7F, ALS Select Bit = 0,
I2C Enable = 1
VREG_CS
Regulated current sink
400
mV
headroom voltage
VHR
Current sink minimum
ILED = 95% of nominal
200
mV
headroom voltage
RDSON
NMOS switch on resistance
ISW = 100 mA
0.25
Ω
ICL
NMOS switch current limit
2.7 V
≤ VIN ≤ 5.5 V
739
839
936
mA
ON Threshold, 2.7 V
≤ VIN ≤ 5.5 40-V
40
41
42
V
version
Output overvoltage
VOVP
25-V
V
protection
23.6
24
24.6
version
Hysteresis
1
fSW
Switching frequency
2.7 V
≤ VIN ≤ 5.5 V
450
500
550
kHz
DMAX
Maximum duty cycle
94%
DMIN
Minimum duty cycle
10%
IQ
Quiescent current, device
VHWEN = VIN
490
600
µA
not switching
IQ_SW
Switching supply current
ILED = 19 mA, VOUT = 36 V
1.35
mA
ISHDN
Shutdown current
VHWEN = GND, 2.7 V ≥ VIN ≥ 5.5 V
1
2
µA
ILED_MIN
Minimum LED current
Full-scale current = 19 mA setting
9.5
µA
BRT = 0x01
VALS
Ambient light sensor
2.7 V
≥ VIN ≥ 5.5 V
(3)
0.97
1
1.03
V
reference voltage
Logic thresholds - logic low
0
0.4
VHWEN
V
Logic thresholds - logic high
1.2
VIN
TSD
Thermal shutdown
140
°C
Hysteresis
15
12.77
13.531
14.29
8.504
9.011
9.518
5.107
5.411
5.715
2.143
2.271
2.399
1.836
1.946
2.055
1.713
1.815
1.917
1.510
1.6
1.69
RALS1,
ALS input internal pull-down
2.7 V
≥ VIN ≥ 5.5 V
1.074
1.138
1.202
k
Ω
RALS2
resistors
0.991
1.050
1.109
0.954
1.011
1.068
0.888
0.941
0.994
0.717
0.759
0.802
0.679
0.719
0.760
0.661
0.700
0.740
0.629
0.666
0.704
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are verified by design, test, or statistical analysis. Typical (typ.) numbers are not verified, but represent the most
likely norm.
(3)
The ALS voltage specification is the maximum trip threshold for the ALS zone boundary (Code 0xFF). Due to random offsets and the
mechanism for which the hysteresis voltage varies, it is recommended that only Codes 0x04 and above be used for Zone Boundary
Thresholds. See Zone Boundary Trip Points and Hysteresis and Minimum Zone Boundary Settings sections.
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com