Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 2Page - Texas Instruments LM3530 Datasheet HTML 3Page - Texas Instruments LM3530 Datasheet HTML 4Page - Texas Instruments LM3530 Datasheet HTML 5Page - Texas Instruments LM3530 Datasheet HTML 6Page - Texas Instruments LM3530 Datasheet HTML 7Page - Texas Instruments LM3530 Datasheet HTML 8Page - Texas Instruments LM3530 Datasheet HTML 9Page - Texas Instruments LM3530 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
t > tPWM_HIGH(MAX)
t < tPWM_HIGH(MIN)
t < tPWM_LOW(MIN)
t > tPWM_LOW(MAX)
t4
t2
t3
t5
t1
SCL
SDIO
Data In
SDIO
Data Out
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
Typical (TYP) limits are for TA = 25°C; minimum (MIN) and maximum (MAX) apply over the full operating ambient
temperature range (
−40°C ≤ TA ≤ 85°C); VIN = 3.6 V, unless otherwise specified.
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC VOLTAGE SPECIFICATIONS (SCL, SDA, PWM, INT)
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V
0
0.54
V
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.26
VIN
V
VOL
Output logic low (SDA, INT)
ILOAD = 3 mA
400
mV
7.6 I
2C-Compatible Timing Requirements (SCL, SDA)(1)
MIN
NOM
MAX
UNIT
t1
SCL (Clock Period)
2.5
µs
t2
Data in setup time to SCL high
100
ns
t3
Data out stable after SCL low
0
ns
t4
SDA low setup time to SCL low (start)
100
ns
t5
SDA high hold time after SCL High (stop)
100
ns
(1)
SCL and SDA must be glitch-free in order for proper brightness control to be realized.
7.7 Simple Interface Timing
MIN
NOM
MAX
UNIT
tPWM_HIGH
Enable time, PWM pin must be held high
1.5
2
2.6
ms
tPWM_LOW
Disable time, PWM pin must be held low
1.48
2
2.69
Figure 1. I2C-Compatible Timing
Figure 2. Simple Enable/Disable Timing
6
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com