Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3530 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3530
Description  High-Efficiency White-LED Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3530 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3530 Datasheet HTML 30Page - Texas Instruments LM3530 Datasheet HTML 31Page - Texas Instruments LM3530 Datasheet HTML 32Page - Texas Instruments LM3530 Datasheet HTML 33Page - Texas Instruments LM3530 Datasheet HTML 34Page - Texas Instruments LM3530 Datasheet HTML 35Page - Texas Instruments LM3530 Datasheet HTML 36Page - Texas Instruments LM3530 Datasheet HTML 37Page - Texas Instruments LM3530 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
SW
IN
OVP
ILED
SCL
SDA
GND
ALS1
CIN
LM3530
2.7V to 5.5V
Up to 40V
L
D1
ALS2
HWEN
VIN
VIN
Ambient Light
Sensor
Ambient Light
Sensor
INT
PWM
10 k:
VLOGIC
10 k:
10 k:
10 k:
COUT
LM3530
SNVS606L – JUNE 2009 – REVISED DECEMBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM3530 incorporates a 40-V (maximum output) boost, a single current sink, and a dual ambient light sensor
interface. The maximum boost output voltage is 40 V (min) for the LM3530-40 version. The LM3530 boost will
drive the output voltage to whatever voltage necessary to maintain 400mV at the ILED input. The 40-V max
output typically allows the LM3530 to drive from 2 series up to 12 series LEDs (3.2V max voltage per LED). For
applications that do not use one or both of the ALS inputs, the ALS input can be connected to GND or left
floating.
9.2 Typical Application
Figure 49. LM3530 Typical Application
9.2.1 Design Requirements
Example requirements for typical voltage inverter applications:
Table 12. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.7 V to 5.5 V
Output current
0 mA to 30 mA
Boost switching frequency
500 kHz
Table 13. Application Circuit Component List
COMPONENT
MANUFACTURER
PART NUMBER
VALUE
SIZE
CURRENT/VOLTAGE RATING
L
TDK
VLF3014ST100MR82
10 µH
3 mm × 3 mm × 1.4 mm
ISAT = 820 mA
COUT
Murata
GRM21BR71H105KA12
1 µF
0805
50 V
CIN
Murata
GRM188B31A225KE33
2.2 µF
0603
10 V
D1
Diodes Inc.
B0540WS
Schottky
SOD-323
40 V/500 mA
ALS1
Avago
APDS-9005
Ambient Light Sensor
1.6 mm x 1.5 mm × 0.6 mm
0 to 1100 Lux
ALS2
Avago
APDS-9005
Ambient Light Sensor
1.6 mm x 1.5 mm × 0.6 mm
0 to 1100 Lux
34
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: LM3530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com