Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 14Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 15Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 16Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 17Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 18Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 19Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 20Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 21Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
ASE
BUFFER
ADC
DC
REMOVER
AGC
GAIN
EN
3 FILTERS
PEAK
DETECTOR
MODE
LUT
LUT
INT
PW
M
LED
DRIVER
R
B
G
HIGH / LOW
SPEED
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
analog audio input. Because a low-order low-pass filter attenuates the high-frequency components from audio
signal, MODE_CTRL=01b selection is recommended when frequency synchronization mode is enabled.
Application example 5 shows an example of a second order RC-filter for 29 kHz PWM signal with 3.3V
amplitude. Active filters, such as a Sallen-Key filter, may also be applied. An active filter gives better stop-band
attenuation and cut-off frequency can be higher than for a RC-filter.
To make sure that the filter rolls off sufficiently quickly, connect your filter circuit to the audio input(s), turn on the
audio synchronization feature, set manual gain to maximum, apply the PWM signal to the filter input and keep an
eye on LEDs. If they are blinking without an audio signal (modulation), a sharper roll-off after the cut-off
frequency, more stop-band attenuation, or smaller amplitude of the PWM signal is required.
AUDIO SYNCHRONIZATION SIGNAL PATH (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
LP3952 audio synchronization is mainly done digitally and it consists of the following signal path blocks:
•
Input Buffers
•
AD Converter
•
DC Remover
•
Automatic Gain Control (AGC)
•
Programmable Gain
•
3 Band Digital Filter
•
Peak Detector
•
Look-up Tables (LUT)
•
Mode Selector
•
Integrators
•
PWM Generator
•
Output Drivers
The digitized input signal has DC component that is removed by digital DC REMOVER (-3 dB @ 400 Hz). Since
the light response of input audio signal is very much amplitude dependent the AGC adjusts the input signal to
suitable range automatically. User can disable AGC and the gain can be set manually with PROGRAMMABLE
GAIN. LP3952 has 2 audio synchronization modes: amplitude and frequency. For amplitude based
synchronization the PEAK DETECTION method is used. For frequency based synchronization 3 BAND FILTER
separates high pass, low pass and band bass signals. For both modes the predefined LUT is used to optimize
the audio visual effect. MODE SELECTOR selects the synchronization mode. Different response times to music
beat can be selected using INTEGRATOR speed variables. Finally PWM GENERATOR sets the driver FET duty
cycles.
INPUT SIGNAL TYPE AND BUFFERING (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
LP3952 supports single ended audio input as shown in the figure below. The electric parameters of the buffer are
described in the Audio Synch table. The buffer is rail-to-rail input operational amplifier connected as a voltage
follower. DC level of the input signal is set by a simple resistor divider
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com