Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 6Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 7Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 8Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 9Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 10Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 11Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 12Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 13Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
TIME (200 ns/DIV)
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Boost Converter Typical Performance Characteristics
Vin = 3.6V, Vout = 5.0V if not otherwise stated
Boost Converter Efficiency
Boost Typical Waveforms at 100mA Load
Figure 2.
Figure 3.
Battery Current vs Voltage
Battery Current vs Voltage
Figure 4.
Figure 5.
Boost Line Regulation
Boost Startup with No Load
Figure 6.
Figure 7.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com