Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 28Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 30Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 31Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 34Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 35Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Table 6. LP3952 Control Register Names and Default Values (continued)
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
en_
en_
nstby
rgb_sel[1:0]
boost
autoload
0B
Enables
0
0
1
0
0
data[7:0]
ADC
0C
output
0
0
0
0
0
0
0
0
boost[7:0]
Boost
0D
output
0
0
1
1
1
1
1
1
freq_sel[2:0]
0E
Boost_frq
1
1
1
10
Do not use
rgb_start
loop
log
Pattern gen
11
ctrl
0
0
0
ir1[1:0]
ig1[1:0]
ib1[1:0]
RGB1 max
12
current
0
0
0
0
0
0
ir2[1:0]
ig2[1:0]
ib2[1:0]
RGB2 max
13
current
0
0
0
0
0
0
gain_sel[2:0]
sync_mode
en_agc
en_sync
input_sel[1:0]
Audio sync
2A
CTRL1
0
0
0
0
0
0
1
1
en_avg
mode_ctrl[1:0]
speed_ctrl[1:0]
Audio sync
2B
CTRL2
0
0
0
0
0
r[2:0]
g[2:0]
cet[3:2]
Command
50
1A
0
0
0
0
0
0
0
0
cet[1:0]
b[2:0]
tt[2:0]
Command
51
1B
0
0
0
0
0
0
0
0
r[2:0]
g[2:0]
cet[3:2]
Command
52
2A
0
0
0
0
0
0
0
0
cet[1:0]
b[2:0]
tt[2:0]
Command
53
2B
0
0
0
0
0
0
0
0
r[2:0]
g[2:0]
cet[3:2]
Command
54
3A
0
0
0
0
0
0
0
0
cet[1:0]
b[2:0]
tt[2:0]
Command
55
3B
0
0
0
0
0
0
0
0
r[2:0]
g[2:0]
cet[3:2]
Command
56
4A
0
0
0
0
0
0
0
0
cet[1:0]
b[2:0]
tt[2:0]
Command
57
4B
0
0
0
0
0
0
0
0
r[2:0]
g[2:0]
cet[3:2]
Command
58
5A
0
0
0
0
0
0
0
0
cet[1:0]
b[2:0]
tt[2:0]
Command
59
5B
0
0
0
0
0
0
0
0
r[2:0]
g[2:0]
cet[3:2]
Command
5A
6A
0
0
0
0
0
0
0
0
cet[1:0]
b[2:0]
tt[2:0]
Command
5B
6B
0
0
0
0
0
0
0
0
r[2:0]
g[2:0]
cet[3:2]
Command
5C
7A
0
0
0
0
0
0
0
0
32
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com