Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 25Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 26Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 27Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 28Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 30Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 31Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
Autoincrement mode is available, with this mode it is possible to read or write bytes with autoincreasing
addresses. LP3952 has empty spaces in address register map, and it is recommended to use autoincrement
mode only for writing in pattern command registers.
Recommended External Components
OUTPUT CAPACITOR, COUT
The output capacitor COUT directly affects the magnitude of the output ripple voltage. In general, the higher the
value of COUT, the lower the output ripple magnitude. Multilayer ceramic capacitors with low ESR are the best
choice. At the lighter loads, the low ESR ceramics offer a much lower Vout ripple that the higher ESR tantalums
of the same value. At the higher loads, the ceramics offer a slightly lower Vout ripple magnitude than the
tantalums of the same value. However, the dv/dt of the Vout ripple with the ceramics is much lower than the
tantalums under all load conditions. Capacitor voltage rating must be sufficient, 10V or greater is recommended.
Some ceramic capacitors, especially those in small packages, exhibit a strong capacitance reduction
with the increased applied DC voltage, so called DC bias effect. The capacitance value can fall to below
half of the nominal capacitance. Too low output capacitance will increase noise and it can make the
boost converter unstable. Recommended maximum DC bias effect at 5V DC voltage is -50%.
INPUT CAPACITOR, CIN
The input capacitor CIN directly affects the magnitude of the input ripple voltage and to a lesser degree the VOUT
ripple. A higher value CIN will give a lower VIN ripple. Capacitor voltage rating must be sufficient, 10V or greater is
recommended.
OUTPUT DIODE, D1
A schottky diode should be used for the output diode. Peak repetitive current rating of the schottky diode should
be larger than the peak inductor current (ca. 1A). Average current rating of the schottky diode should be higher
than maximum output current used. Schottky diodes with a low forward drop and fast switching speeds are ideal
for increasing efficiency in portable applications. Choose a reverse breakdown of the schottky diode larger than
the output voltage. Do not use ordinary rectifier diodes, since slow switching speeds and long recovery times
cause the efficiency and the load regulation to suffer.
INDUCTOR, L1
The LP3952’s high switching frequency enables the use of the small surface mount inductor. A 4.7
μH shielded
inductor is suggested for 2 MHz operation, 10
μH should be used at 1 MHz. The inductor should have a
saturation current rating higher than the rms current it will experience during circuit operation. To get maximum
(400 mA) current from the boost, an inductor with 1A saturation current is recommended. If output current is for
example 200 mA then inductor with 600 mA saturation current can be used. Less than 300 m
Ω ESR is
suggested for high efficiency. Open core inductors cause flux linkage with circuit components and interfere with
the normal operation of the circuit. This should be avoided. For high efficiency, choose an inductor with a high
frequency core material such as ferrite to reduce the core losses. The inductor should be connected to the SW
pin as close to the IC as possible. Examples of suitable inductor for 400 mA output current is TDK VLF4012AT-
4R7M1R1, and for 200mA application VLF3010AT-4R7MR70 or Panasonic ELLVEG4R7N.
LIST OF RECOMMENDED EXTERNAL COMPONENTS
Symbol
Symbol explanation
Value
Unit
Type
CVDD1
C between VDD1 and GND
100
nF
Ceramic, X7R / X5R
CVDD2
C between VDD2 and GND
100
nF
Ceramic, X7R / X5R
CVDDIO
C between VDDIO and GND
100
nF
Ceramic, X7R / X5R
CVDDA
C between VDDA and GND
1
μF
Ceramic, X7R / X5R
COUT
C between FB and GND
10
μF
Ceramic, X7R / X5R, 10V
CIN
C between battery voltage and GND
10
μF
Ceramic, X7R / X5R
L1
L between SW and VBAT at 2 MHz
4.7
μH
Shielded, low ESR, Isat=1A for 400
mA output current, Isat=600 mA for
200 mA output current
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com