Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 18Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 19Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 20Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 21Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 22Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 23Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 24Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 25Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
5.00
0.05
GAIN (dB)
0
21
3
6
9
12
15
18
0.10
0.15
0.20
0.25
0.30
0.50
1.00
1.50
2.00
2.50
3.00
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Peak Input Signal Level
Range vs Gain Setting
RGB LED Blinking Control (1.65V
≤ V
DDIO ≤ VDD1,2V) (unless otherwise noted)
LP3952 has a possibility to drive indicator LEDs with RGB1 outputs with programmable blinking time. Blinking
function is enabled with RGB_SEL[1:0] bits set as 01b in 0BH register. R1_CYCLE_EN, G1_CYCLE_EN and
B1_CYCLE_EN bits in cycle registers (02H, 04H and 06H) enable/disable blinking function for corresponding
output. When EN_BLINK bit is written high in register 11H, the blinking sequences for all outputs (which has
CYCLE_EN bit enabled) starts simultaneously. EN_BLINK bit should be written high after selecting wanted
blinking sequences and enabling CYCLE_EN bits, to synchronize outputs to get desired lighting effect. R1SW,
G1SW and B1SW bits can be used to enable and disable outputs when wanted.
RGB1 blinking sequence is set with R1, G1 and B1 blink registers (01H, 03H and 05H) by setting the appropriate
OFF-ON times. Blinking cycle times are set with R1_CYCLE[2:0], G1_CYCLE[2:0] and B1_CYCLE[2:0] bits in
R1, G1 and B1 CYCLE registers (02H, 04H and 06H). OFF/ON time is a percentage of the selected cycle time.
Values for setting OFF/ON time can be seen in following table.
Table 2. R1, G1 and B1 Blink Registers (01H, 03H and 05H):(1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise
noted)
Name
Bit
Description
R1_ON[3:0], R1_OFF[3:0]
7-4, 3-0
RGB1 ON and OFF time
G1_ON[3:0], G1_OFF[3:0]
Bits
ON/OFF time
B1_ON[3:0], B1_OFF[3:0]
0000
0%
0001
1%
0010
2.5%
0011
5%
0100
7.5%
0101
10%
0110
15%
0111
20%
1000
30%
1001
40%
1010
50%
1011
60%
1100
70%
1101
80%
1110
90%
1111
100%
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com