Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 30Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 31Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 34Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 35Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 36Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
Table 6. LP3952 Control Register Names and Default Values (continued)
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
cet[1:0]
b[2:0]
tt[2:0]
Command
5D
7B
0
0
0
0
0
0
0
0
r[2:0]
g[2:0]
cet[3:2]
Command
5E
8A
0
0
0
0
0
0
0
0
cet[1:0]
b[2:0]
tt[2:0]
Command
5F
8B
0
0
0
0
0
0
0
0
60
Reset
Writing any data to Reset Register resets LP3952
LP3952 Registers
REGISTER BIT EXPLANATIONS
Each register is shown with a key indicating the accessibility of the each individual bit, and the initial condition:
Register Bit Accessibility and Initial Condition
Key
Bit Accessibility
rw
Read/write
r
Read only
–0,–1
Condition after POR
RGB CTRL (00H) – RGB LEDS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
cc_rgb1
cc_rgb2
r1sw
g1sw
b1sw
r2sw
g2sw
b2sw
rw-1
rw-1
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
0 - R1, G1 and B1 are constant current sinks, current limited internally
cc_rgb1
Bit 7
1 - R1, G1 and B1 are switches, limit current with external ballast resistor
0 – R2, G2 and B2 are constant current sinks, current limited internally
cc_rgb2
Bit 6
1 – R2, G2 and B2 are switches, limit current with external ballast resistor
0 – R1 disabled
r1sw
Bit 5
1 – R1 enabled
0 – G1 disabled
g1sw
Bit 4
1 – G1 enabled
Bit 3
0 – B1 disabled
b1sw
1 – B1 enabled
0 – R2 disabled
r2sw
Bit 2
1 – R2 enabled
0 – G2 disabled
g2sw
Bit 1
1 – G2 enabled
0 – B2 disabled
b2sw
Bit 0
1 – B2 enabled
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com