Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 7Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 8Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 9Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 10Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 11Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 12Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 13Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 14Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
0
100
200
300
400
500
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
OUTPUT CURRENT (mA)
VIN = 3V
f = 2 MHz
L - TDK VLF0410 4.7 PH
CIN = COUT = 10 PF
90
20
LOAD CURRENT (mA)
0
30
80
70
60
50
40
30
5
10
15
20
25
Autoload ON
Autoload OFF
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
Boost Converter Typical Performance Characteristics (continued)
Vin = 3.6V, Vout = 5.0V if not otherwise stated
Boost Load Transient, 50 mA–100 mA
Boost Switching Frequency
Figure 8.
Figure 9.
Output Voltage vs Load Current
Efficiency at Low Load vs Autoload
Figure 10.
Figure 11.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com