Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 22Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 23Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 24Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 25Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 26Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 27Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 28Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Table 5. Logic Interface Electrical Characteristics (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Units
LOGIC INPUTS ADDR_SEL, NRST, SCL, PWM, SDA
VIL
Input Low Level
0.2×VDDIO
V
VIH
Input High Level
0.8×VDDIO
V
IL
Logic Input Current
−1.0
1.0
μA
fSCL
Clock Frequency
400
kHz
LOGIC OUTPUT SDA
VOL
Output Low Level
ISDA = 3 mA
0.3
0.5
V
IL
Output Leakage Current
VSDA = 2.8V
1.0
μA
Note: Any unused digital input pin has to be connected to GND to avoid floating and extra current consumption.
I
2C Compatible Interface
INTERFACE BUS OVERVIEW
The I2C compatible synchronous serial interface provides access to the programmable functions and registers on
the device. This protocol uses a two-wire interface for bi-directional communications between the devices
connected to the bus. The two interface lines are the Serial Data Line (SDA), and the Serial Clock Line (SCL).
These lines should be connected to a positive supply, via a pull-up resistor and remain HIGH even when the bus
is idle. Every device on the bus is assigned a unique address and acts as either a Master or a Slave depending
on whether it generates or receives the serial clock (SCL).
DATA TRANSACTIONS
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock
(SCL). Consequently, throughout the clock’s high period, the data should remain stable. Any changes on the
SDA line during the high state of the SCL and in the middle of a transaction, aborts the current transaction. New
data should be sent during the low SCL state. This protocol permits a single data line to transfer both
command/control information and data using the synchronous serial clock.
I2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when CLK is LOW.
Figure 15. I2C Signals: Data Validity
I2C START AND STOP CONDITIONS
START and STOP bits classify the beginning and the end of the I2C session. START condition is defined as SDA
signal transitioning from HIGH to LOW while SCL line is HIGH. STOP condition is defined as the SDA
transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and STOP bits.
The I2C bus is considered to be busy after START condition and free after STOP condition. During data
transmission, I2C master can generate repeated START conditions. First START and repeated START
conditions are equivalent, function-wise.
26
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com