Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 27Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 28Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 30Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 31Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 34Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
EXAMPLE 2
Here, a second order RC-filter is used on the ASE input to convert a PWM signal to an analog waveform.
More application information is available in the document "LP3952 Evaluation Kit".
Table 6. LP3952 Control Register Names and Default Values
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
cc_rgb1
cc_rgb2
r1sw
g1sw
b1sw
r2sw
g2sw
b2sw
00
RGB Ctrl
1
1
0
0
0
0
0
0
r1_on[3]
r1_on[2]
r1_on[1]
r1_on[0]
r1_off[3]
r1_off[2]
r1_off[1]
r1_off[0]
01
R1 blink
0
0
0
0
0
0
0
0
r1_cycle en
r1_cycle[2]
r1_cycle[1]
r1_cycle[0]
02
R1 cycle
0
0
0
0
g1_on[3]
g1_on[2]
g1_on[1]
g1_on[0]
g1_off[3]
g1_off[2]
g1_off[1]
g1_off[0]
03
G1 blink
0
0
0
0
0
0
0
0
g1_cycle en
g1_cycle[2]
g1_cycle[1]
g1_cycle[0]
04
G1 cycle
0
0
0
0
b1_on[3]
b1_on[2]
b1_on[1]
b1_on[0]
b1_off[3]
b1_off[2]
b1_off[1]
b1_off[0]
05
B1 blink
0
0
0
0
0
0
0
0
b1_cycle en
b1_cycle[2]
b1_cycle[1]
b1_cycle[0]
06
B1 cycle
0
0
0
0
r1_pwm
g1_pwm
b1_pwm
r2_pwm
g2_pwm
b2_pwm
Ext. PWM
07
control
0
0
0
0
0
0
08
Do not use
09
Do not use
0A
Do not use
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com