Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 15Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 16Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 17Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 18Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 19Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 20Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 21Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 22Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
ASE
VDDA
10 nF
1 M:
1 M:
GNDA
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
AUDIO SYNCHRONIZATION ELECTRICAL PARAMETERS (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise
noted)
Parameter
Test Conditions
Min
Typical
Max
Units
ZIN
Input Impedance of ASE
250
500
k
Ω
AIN
Audio Input Level Range
Gain = 21 dB
0.1
V
(peak-to-peak)
Gain = 0 dB
VDDA-0.1
f3dB
Crossover Frequencies (-3 dB)
Narrow Frequency Response
Low Pass
0.5
Band Pass
1.0 and 1.5
High Pass
2.0
kHz
Wide Frequency Response
Low Pass
1.0
Band Pass
2.0 and 3.0
High Pass
4.0
CONTROL OF ADC AND AUDIO SYNCHRONIZATION (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
The following table describes the controls required for audio synchronization.
Audio_sync_CTRL1 (2AH)
Input signal gain control. Range 0...21 dB, step 3 dB:
[000] = 0 dB (default)
[011] = 9 dB
[110] = 18 dB
GAIN_SEL[2:0]
Bits 7-5
[001] = 3 dB
[100] = 12 dB
[111] = 21 dB
[010] = 6 dB
[101] = 15 dB
Synchronization mode selector.
SYNC_MODE
Bit 4
SYNCMODE = 0
→ Amplitude Mode (default)
SYNCMODE = 1
→ Frequency Mode
Automatic Gain Control enable
EN_AGC
Bit 3
1 = enabled
0 = disabled (Gain Select enabled) (default)
Audio synchronization enable
1 = Enabled
EN_SYNC
Bit 2
Note : If AGC is enabled, AGC gain starts from current GAIN_SEL gain value.
0 = Disabled (default)
[00] = Single ended input signal, ASE.
[01] = Not used
INPUT_SEL[1:0]
Bits 1-0
[10] = Not used
[11] = No input (default)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com