Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 10Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 11Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 12Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 13Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 14Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 15Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 16Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 17Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
RED[2:0]
GREEN[2:0]
BLUE[2:0]
TT[2:0]
CET [3:0]
16 bits
16 bits
ADDESS[7:0]
CET[3:2]
NEXT ADDESS[7:0]
16 bits
RED[2:0]
GREEN[2:0]
BLUE[2:0]
TT[2:0]
CET[1:0]
R1
G1
RR1
RR2
RB1
B1
RB2
RG1
RG2
R1
control
G1
control
B1
control
VOUT
RGB1 output as switch (SW)
R1
G1
B1
R1
control
G1
control
B1
control
VOUT
RGB1 output as a constant
current sink (CC)
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Command Based Pattern Generator for Color LEDs (1.65V
≤ V
DDIO ≤ VDD1,2V) (unless otherwise
noted)
The LP3952 has an unique stand-alone command based pattern generator with 8 user controllable 16-bit
commands. Since registers are 8-bit long one command requires 2 write cycles. Each command has intensity
level for each LED, command execution time (CET) and transition time (TT) as seen in the following figures.
COMMAND REGISTER WITH 8 COMMANDS (1.65V
≤ VDDIO ≤ VDD1,2V) (unless otherwise noted)
COMMAND 1
ADDRESS 50H
R2
R1
R0
G2
G1
G0
CET3
CET2
ADDRESS 51H
CET1
CET0
B2
B1
B0
TT2
TT1
TT0
COMMAND 2
ADDRESS 52H
R2
R1
R0
G2
G1
G0
CET3
CET2
ADDRESS 53H
CET1
CET0
B2
B1
B0
TT2
TT1
TT0
COMMAND 3
ADDRESS 54H
R2
R1
R0
G2
G1
G0
CET3
CET2
ADDRESS 55H
CET1
CET0
B2
B1
B0
TT2
TT1
TT0
COMMAND 4
ADDRESS 56H
R2
R1
R0
G2
G1
G0
CET3
CET2
ADDRESS 57H
CET1
CET0
B2
B1
B0
TT2
TT1
TT0
COMMAND 5
ADDRESS 58H
R2
R1
R0
G2
G1
G0
CET3
CET2
ADDRESS 59H
CET1
CET0
B2
B1
B0
TT2
TT1
TT0
COMMAND 6
ADDRESS 5AH
R2
R1
R0
G2
G1
G0
CET3
CET2
ADDRESS 5BH
CET1
CET0
B2
B1
B0
TT2
TT1
TT0
COMMAND 7
ADDRESS 5CH
R2
R1
R0
G2
G1
G0
CET3
CET2
ADDRESS 5DH
CET1
CET0
B2
B1
B0
TT2
TT1
TT0
COMMAND 8
ADDRESS 5EH
R2
R1
R0
G2
G1
G0
CET3
CET2
ADDRESS 5FH
CET1
CET0
B2
B1
B0
TT2
TT1
TT0
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com