Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 21Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 22Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 23Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 24Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 25Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 26Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 27Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 28Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
SW
BATTERY
VDD1
VDDA
LDO
Analog
supply
voltage
2.8V
LP3954
Digital
supply
voltage
VDD2
CIN
10 F
CVDD
100 nF
CVDDA
1 PF
4.7 H
SW
BATTERY
VDD1
VDDA
LDO
Analog
supply
voltage
2.8V
LP3954
Digital
supply
voltage
LDO
2.8V
VDD2
CIN
10 PF
CVDD
100 nF
CVDDA
1 PF
4.7 PH
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
Output Current vs RRGB (Current Sink Mode)
Figure 14.
7V Shielding (1.65V
≤ V
DDIO ≤ VDD1,2V) (unless otherwise noted)
To shield LP3952 from high input voltages 6…7.2V the use of external 2.8V LDO is required. This 2.8V voltage
protects internally the device against high voltage condition. The recommended connection is as shown in the
picture below. Internally both logic and analog circuitry works at 2.8V supply voltage. Both supply voltage pins
should have separate filtering capacitors.
In cases where high voltage is not an issue the connection is as shown below
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com