Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 31Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 34Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 35Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 36Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 37Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 38Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
LP3952
www.ti.com
SNVS518A – JULY 2007 – REVISED MARCH 2013
EXT_PWM_CONTROL (07H) – EXTERNAL PWM CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
r1_pwm
g1_pwm
b1_pwm
r2_pwm
g2_pwm
b2_pwm
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
0 – R1 PWM control disabled
r1_pwm
Bit 5
1 – R1 PWM control enabled
0 – G1 PWM control disabled
g1_pwm
Bit 4
1 – G1 PWM control enabled
0 – RB PWM control disabled
b1_pwm
Bit 3
1 – B1 PWM control enabled
0 – R2 PWM control disabled
r2_pwm
Bit 2
1 – R2 PWM control enabled
0 – G2 PWM control disabled
g2_pwm
Bit 1
1 – G2 PWM control enabled
0 – B2 PWM control disabled
b2_pwm
Bit 0
1 – B2 PWM control enabled
ENABLES (0BH) – ENABLES REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
nstby
en_boost
en_autoload
rgb_sel[1:0]
r-0
rw-0
rw-0
r-0
r-0
rw-1
rw-0
rw-0
0 – LP3952 standby mode
nstby
Bit 6
1 – LP3952 active mode
0 – boost converter disabled
en_boost
Bit 5
1 – boost converter enabled
0 – internal boost converter loader off
en_autoload
Bit 2
1 – internal boost converter loader on
Color LED control mode selection
rgb_sel[1:0]
Audio sync
Pattern generator
Blinking sequence
00
-
RGB1 & RGB2
-
rgb_sel[1:0]
Bits 1-0
01
-
RGB2
RGB1
10
RGB2
RGB1
-
11
RGB1 & RGB2
-
-
ADC_OUTPUT (0CH) – ADC DATA REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
data[7:0]
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r-0
data[7:0]
Bits 7-0
Data register ADC (Audio input, light or temperature sensors)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com