Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 26Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 27Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 28Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 29Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 30Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 31Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 32Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 33Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
Symbol
Symbol explanation
Value
Unit
Type
CVREF
C between VREF and GND
100
nF
Ceramic, X7R
CVDDIO
C between VDDIO and GND
100
nF
Ceramic, X7R
RRBG
R between IRGB and GND
5.6
k
Ω
±1%
RRT
R between IRT and GND
82
k
Ω
±1%
D1
Rectifying Diode (Vf @ maxload)
0.3
V
Schottky diode
CASE
C between Audio input and ASE
100
nF
Ceramic, X7R / X5R
LEDs
User defined
Application Examples
EXAMPLE 1
There may be cases where the audio input signal going into the LP3952 is too weak for audio synchronization. This
figure presents a single-supply inverting amplifier connected to the ASE input for audio signal amplification. The
amplification is +20 dB, which is well enough for 20 mVp-p audio signal. Because the amplifier (LMV321) is operating
in single supply voltage, a voltage divider using R3 and R4 is implemented to bias the amplifier so the input signal is
within the input common-mode voltage range of the amplifier. The capacitor C1 is placed between the inverting input
and resistor R1 to block the DC signal going into the audio signal source. The values of R1 and C1 affect the cutoff
frequency, fc = 1/(2
π*R1*C1), in this case it is around 160 Hz. As a result, the LMV321 output signal is centered
around mid-supply, that is VDDA/2. The output can swing to both rails, maximizing the signal-to-noise ratio in a low
voltage system
30
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com