Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 8Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 9Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 10Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 11Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 12Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 13Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 14Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 15Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
FUNCTIONALITY OF COLOR LED OUTPUTS (R1, G1, B1; R2, G2, B2)
The LP3952 has 2 sets of RGB/color LED outputs. Both sets have 3 outputs and the sets can be controlled in 4
different ways:
1. Command based pattern generator control (internal PWM)
2. Audio synchronization control
3. Programmable ON/OFF blinking sequences for RGB1
4. External PWM control
By using command based pattern generator user can program any kind of color effect patterns. LED intensity,
blinking cycles and slopes are independently controlled with 8 16-bit commands. Also real time commands are
possible as well as loops and step by step control. If analog audio is available on system, the user can use
audio synchronization for synchronizing LED blinking to the music. The different modes together with the
various sub modes generate very colorful and interesting lighting effects. Direct ON/OFF control is mainly for
switching on and off LEDs. External PWM control is for applications where external PWM signal is available
and required to control the color LEDs. PWM signal can be connected to any color LED separately as shown
later.
COLOR LED CONTROL MODE SELECTION
The RGB_SEL[1:0] bits in the Enables register (08H) control the output modes for RGB1 (R1, G1, B1) and RGB2
(R2, G2, B2) outputs as seen in the following table.
RGB_SEL[1:0]
Audio sync
Pattern generator
Blinking control
00
-
RGB1 & RGB2
-
01
-
RGB2
RGB1
10
RGB2
RGB1
-
11
RGB1 & RGB2
-
-
RGB Control register (00H) has control bits for direct on/off control of all color LEDs. Note that the LEDs have
to be turned on in order to control them with audio synchronization or pattern generator.
The external PWM signal can control any LED depending on the control register setup. External PWM signal is
connected to PWM pin. The controls are in the Ext. PWM Control register (address 07H):
Ext. PWM Control (07H)
r1_pwm
bit 5
PWM controls R1 output
g1_pwm
bit 4
PWM controls G1 output
b1_pwm
bit 3
PWM controls B1 output
r2_pwm
bit 2
PWM controls R2 output
g2_pwm
bit 1
PWM controls G2 output
b2_pwm
bit 0
PWM controls B2 output
CURRENT CONTROL OF COLOR LED OUTPUTS (R1, R2, G1, G2, B1, B2)
Both RGB output sets can be separately controlled as constant current sinks or as switches. This is done using
cc_rgb1/2 bits in the RGB control register. In constant current mode one or both RGB output sets are controlled
with constant current sinks (no external ballast resistors required). The maximum output current for both drivers
is set by one external resistor RRGB. User can decrease the maximum current for an individual LED driver by
programming as shown later.
The maximum current for all RGB drivers is set with RRGB. The equation for calculating the maximum current is:
IMAX = 100 × 1.23V / (RRGB + 50Ω)
(1)
where:
IMAX - maximum RGB current in any RGB output in constant current mode
1.23V - reference voltage
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com