Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3952RL/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LP3952RL/NOPB
Description  6-Channel Color LED Driver with Audio Synchronization
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3952RL/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3952RL/NOPB Datasheet HTML 20Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 21Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 22Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 23Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 24Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 25Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 26Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 27Page - Texas Instruments LP3952RL/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
LP3952
SNVS518A – JULY 2007 – REVISED MARCH 2013
www.ti.com
RGB Driver Electrical Characteristics (R1, G1, B1, R2, G2, B2 Outputs)(1.65V
≤ V
DDIO ≤ VDD1,2V)
(unless otherwise noted)
Parameter
Test Condition
Min
Typ
Max
Units
ILEAKAGE
R1, G1, B1, R2, G2, B2 pin
0.1
1
μA
leakage current
IRGB
Maximum recommended sink
CC mode
40
mA
current
SW mode
50
mA
Accuracy @ 37mA
RRGB=3.3 kΩ ±1%, CC mode
±5
%
Current mirror ratio
CC mode
1:100
RGB1 and RGB2 current
IRGB=37mA, CC mode
±5
%
mismatch
RSW
Switch resistance
SW mode
2.5
5
Ω
fRGB
RGB switching frequency
Accuracy proportional to internal
18.2
20
21.8
kHz
clock freq.
Output Current vs Pin Voltage (Current Sink Mode)
Figure 12.
Pin Voltage vs Output Current (Switch Mode)
Figure 13.
24
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com