Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 208 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 208 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 204Page - Texas Instruments TMS320DM814x Datasheet HTML 205Page - Texas Instruments TMS320DM814x Datasheet HTML 206Page - Texas Instruments TMS320DM814x Datasheet HTML 207Page - Texas Instruments TMS320DM814x Datasheet HTML 208Page - Texas Instruments TMS320DM814x Datasheet HTML 209Page - Texas Instruments TMS320DM814x Datasheet HTML 210Page - Texas Instruments TMS320DM814x Datasheet HTML 211Page - Texas Instruments TMS320DM814x Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 376 page
background image
x2M
Multiplier
REFCLK
DCOCLK
CLKOUT
DEV Clock
1
2
M
1
2
1
(
1)
N +
1
( 2 1)
N +
DEV/AUX
Clock
xM
Multiplier
REFCLK
CLKDCO
CLKOUT
1
2
M
1
(
1)
N +
1
( 2 1)
N +
CLKOUTx
(Divide-by-1)
1
2
4
4
3
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 7-19. Switching Characteristics Over Recommended Operating Conditions for CLKOUTx (CLKOUT0
and CLKOUT1)(1) (2)
(see Figure 7-16)
OPP100
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(CLKOUTx)
Cycle time, CLKOUTx
5
ns
2
tw(CLKOUTxH)
Pulse duration, CLKOUTx high
0.45P
0.55P
ns
3
tw(CLKOUTxL)
Pulse duration, CLKOUTx low
0.45P
0.55P
ns
4
tt(CLKOUTx)
Transition time, CLKOUTx
0.05P
ns
(1)
The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
(2)
P = 1/CLKOUTx clock frequency in nanoseconds (ns). For example, when CLKOUTx frequency is 200 MHz, use P = 5 ns.
Figure 7-16. CLKOUTx Timing
7.4.8
PLLs
The device contains 12 top-level PLLs, and 4 embedded PLLs (within the ARM Cortex-A8, PCIE, SATA,
and CSI) that provide clocks to different parts of the system. Figure 7-17 and Figure 7-18 show simplified
block diagrams of the Top-Level PLL and PLL_ARM. In addition, see the System Clocking Overview
(Figure 7-6) for a high-level view of the device clock architecture including the PLL reference clock
sources and connections.
Figure 7-17. Top-Level PLL Simplified Block Diagram
Figure 7-18. PLL_ARM Simplified Block Diagram
The reference clock for most of the PLLs comes from the DEV input clock, with select PLLs also having
the option to use the AUX input clock as a reference. Also, each PLL supports a Bypass mode in which
the reference clock can be directly passed to the PLL CLKOUT through a divider. All device PLL’s will
come-up in Bypass mode after reset.
For details on programming the device PLLs, see the Control Module chapter of the TMS320DM814x
DaVinci Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8).
208
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com