Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 212 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 212 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 208Page - Texas Instruments TMS320DM814x Datasheet HTML 209Page - Texas Instruments TMS320DM814x Datasheet HTML 210Page - Texas Instruments TMS320DM814x Datasheet HTML 211Page - Texas Instruments TMS320DM814x Datasheet HTML 212Page - Texas Instruments TMS320DM814x Datasheet HTML 213Page - Texas Instruments TMS320DM814x Datasheet HTML 214Page - Texas Instruments TMS320DM814x Datasheet HTML 215Page - Texas Instruments TMS320DM814x Datasheet HTML 216Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
7.4.10 Module Clocks
Device Modules either receive their clock directly from an external clock input, directly from a PLL, or from
a PRCM SYSCLK output. Table 7-27 lists the clock source options for each Module on this device, along
with the maximum frequency that Module can accept. To ensure proper Module functionality, the device
PLLs and dividers must be programmed not to exceed the maximum frequencies listed in this table.
Table 7-27. Maximum Module Clock Frequencies(1)
MAX FREQUENCY
MODULE
CLOCK SOURCES
OPP100 (MHz)
PLL_ARM
Cortex-A8
600
SYSCLK18
DCAN0/1
DEV Clock
30
DDR0/1
PLL_DDR
400
DMM
PLL_DDR/2
200
DSP
PLL_DSP
500
System MMU
SYSCLK4
200
EDMA
SYSCLK4
200
EMAC Switch (GMII)
SATA SERDES
Fixed 125
PLL_VIDEO0
PLL_VIDEO1
EMAC Switch (RGMII)
Fixed 250
PLL_VIDEO02
PLL_L3
SATA SERDES
EMAC Switch (RMII and MII)
Fixed 50
EMAC_RMREFCLK Pin
GPIO
SYSCLK6
100
GPIO Debounce
SYSCLK18
Fixed 0.032768
GPMC
SYSCLK6
100
HDMI
PLL_VIDEO2
186
HDMI CEC
SYSCLK10
Fixed 48
SYSCLK20
SYSCLK21
HDMI I2S
50
AUD_CLK0/1/2
AUX Clock
HDVICP2
SYSCLK3
266
HDVPSS
PLL_HDVPSS
200
PLL_VIDEO2
HDVPSS VOUT1
186
HDMI PHY
PLL_VIDEO1
HDVPSS VOUT0
165
PLL_VIDEO2
HDVPSS SD VENC
PLL_VIDEO0
Fixed 54
I2C0/1/2/3
SYSCLK10
48
ISS
PLL_ MEDIACTL
400
L3 Fast
SYSCLK4
200
L3 Medium
SYSCLK4
200
L3 Slow
SYSCLK6
100
L4 Fast
SYSCLK4
200
L4 Slow
SYSCLK6
100
Mailbox
SYSCLK6
100
McASP
SYSCLK6
100
SYSCLK20
McASP0/1/2 AUX_CLK
192
SYSCLK21
(1)
The maximum frequencies listed in this table are valid for OPP100. Some of these frequencies have higher maximum values when
OPP120 or OPP166 is used, see Table 7-4
212
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com