Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 209 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 209 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 205Page - Texas Instruments TMS320DM814x Datasheet HTML 206Page - Texas Instruments TMS320DM814x Datasheet HTML 207Page - Texas Instruments TMS320DM814x Datasheet HTML 208Page - Texas Instruments TMS320DM814x Datasheet HTML 209Page - Texas Instruments TMS320DM814x Datasheet HTML 210Page - Texas Instruments TMS320DM814x Datasheet HTML 211Page - Texas Instruments TMS320DM814x Datasheet HTML 212Page - Texas Instruments TMS320DM814x Datasheet HTML 213Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7.4.8.1
PLL Power Supply Filtering
The device PLLs are supplied externally via the VDDA_xPLL_1P8 power-supply pins (where "x"
represents ARM, DSP, VID0, VID1, AUDIO, DDR, and/or L3). External filtering must be added on the PLL
supply pins to ensure that the requirements in Table 7-20 are met.
Table 7-20. PLL Power Supply Requirements
PARAMETER
MIN
MAX
UNIT
Dynamic noise at VDDA_xPLL_1P8 pins
50
mV p-p
7.4.8.2
PLL Multipliers and Dividers
The Top-Level and PLL_ARM PLLs support the internal multiplier and divider values shown in Table 7-21,
Top-Level PLL Multiplier and Divider Limits and Table 7-22, PLL_ARM Multiplier and Divider Limits. The
PLLs must be programmed to conform to the various REFCLK, CLKDCO, DCOCLK, and CLKOUT limits
described in Section 7.4.8.3, PLL Frequency Limits.
Table 7-21. Top-Level PLL Multiplier and Divider Limits
PARAMETER
MIN
MAX
N Pre-Divider
0
255
PLL Multiplier (M)
2
4095(1)
M2 Post Divider
1
127
N2 Bypass Divider
0
15
(1)
The PLL Multiplier supports fractional values (up to 18-bits of fraction) except when the PLL Multiplier is > 4093.
Table 7-22. PLL_ARM Multiplier and Divider Limits
PARAMETER
MIN
MAX
N Pre-Divider
0
127
PLL Multiplier (M)(1)
2
2047(2)
M2 Post Divider
1
31
N2 Bypass Divider
0
15
(1)
This parameter describes the limits on the programmable multiplier value M. The multiplication factor for the PLL_ARM is equal to 2 * M
(also see Figure 7-18).
(2)
The PLL Multiplier supports fractional values (up to 18-bits of fraction) except when the PLL Multiplier is < 20 OR > 2045.
7.4.8.3
PLL Frequency Limits
Each PLL supports a minimum and maximum operating frequency for its REFCLK, CKLDCO, and
CLKOUT values. The PLLs must be configured not to exceed any of the constraints placed on these
values shown in Table 7-23 through Table 7-25. Care must be taken to stay within these limits when
selecting external clock input frequencies, internal divider values, and PLL multiply ratios. In addition,
limits shown in these tables may be further restricted by the clock frequency limitations of the device
modules using these clocks. For more detailed information on the SYSCLK and Module Clock frequency
limits, see Section 7.4.9, SYSCLKs and Section 7.4.10, Module Clocks.
Table 7-23. Top-Level PLL Frequency Ranges (ALL OPPs)
CLOCK
MIN
MAX
UNIT
REFCLK
0.5
2.5
MHz
CLKDCO (HS1)(1)
1000
2000
MHz
CLKDCO (HS2)(2)
500
1000
MHz
(1)
The PLL has two modes of operation: HS1 and HS2. The mode of operation should be set, according to the desired CLKDCO
frequency, by programming the SELFREQDCO field of the ADPLLLJx_CLKCTRL registers in the Control Module.
(2)
CLKDCO of the PLL_USB is used undivided by the USB modules; therefore, CLKDCO for the PLL_USB PLL must be programmed to
960 MHz for proper operation.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
209
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com