Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 210 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 210 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 206Page - Texas Instruments TMS320DM814x Datasheet HTML 207Page - Texas Instruments TMS320DM814x Datasheet HTML 208Page - Texas Instruments TMS320DM814x Datasheet HTML 209Page - Texas Instruments TMS320DM814x Datasheet HTML 210Page - Texas Instruments TMS320DM814x Datasheet HTML 211Page - Texas Instruments TMS320DM814x Datasheet HTML 212Page - Texas Instruments TMS320DM814x Datasheet HTML 213Page - Texas Instruments TMS320DM814x Datasheet HTML 214Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 7-23. Top-Level PLL Frequency Ranges (ALL OPPs) (continued)
CLOCK
MIN
MAX
UNIT
CLKOUT
see Table 7-25
see Table 7-25
MHz
Table 7-24. ARM Cortex-A8 Embedded PLL (PLL_ARM) Frequency Ranges (ALL OPPs)
CLOCK
MIN
MAX
UNIT
REFCLK
0.032
52
MHz
DCOCLK
20
2000
MHz
CLKOUT
see Table 7-25
see Table 7-25
MHz
Table 7-25. PLL CLKOUT Frequency Ranges
OPP100
PLL
UNIT
MIN
MAX
PLL_ARM
10
600
MHz
PLL_DSP
10
500
MHz
PLL_SGX
10
200
MHz
PLL_HDVICP
10
266
MHz
PLL_L3
10
200
MHz
PLL_DDR
10
400
MHz
PLL_HDVPSS
10
200
MHz
PLL_AUDIO
10
200
MHz
PLL_MEDIACTL
10
400
MHz
PLL_USB
10(1)
960
MHz
PLL_VIDEO0
10
200
MHz
PLL_VIDEO1
10
200
MHz
PLL_VIDEO2
10
200
MHz
(1)
When the USB is used, PLL_USB must be fixed at 960 MHz.
7.4.8.4
PLL Register Descriptions
The PLL Control Registers reside in the Control Module and are listed in Section 4.1, Control Module of
this datasheet.
210
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com