Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 16 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 12Page - Texas Instruments TNETX3150AGGP Datasheet HTML 13Page - Texas Instruments TNETX3150AGGP Datasheet HTML 14Page - Texas Instruments TNETX3150AGGP Datasheet HTML 15Page - Texas Instruments TNETX3150AGGP Datasheet HTML 16Page - Texas Instruments TNETX3150AGGP Datasheet HTML 17Page - Texas Instruments TNETX3150AGGP Datasheet HTML 18Page - Texas Instruments TNETX3150AGGP Datasheet HTML 19Page - Texas Instruments TNETX3150AGGP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
JTAG interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
TCLK
AF19
I
Test clock. TCLK is used to clock state information and test data into and out of the device during operation
of the test port.
TDI
AD18
I
Test data input. TDI is used to serially shift test data and test instructions into the device during operation
of the test port.
TDO
AE19
O
Test data out. TDO is used to serially shift test data and test instructions out of the device during operation
of the test port.
TMS
AD19
I
Test mode select. TMS is used to control the state of the test-port controller within the
TNETX3150/TNETX3150A.
TRST
AC19
I
Test reset. TRST is asynchronous reset of the test-port controller.
miscellaneous functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
DREF
U23
O
DRAM reference. DREF is the DRAM reference clock.
NC
V24
No connection.
OSCIN
AC12
I
Oscillator input. OSCIN is the TNETX3150/TNETX3150A clock input (50 MHz).
RESET
U26
I
Reset. RESET (active low) resets the TNETX3150/TNETX3150A. RESET should be held low for 25 ms
after the power supplies and clocks have stabilized. This input is synchronous and therefore, the system
clock must be operational during reset.
power interface
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
GND
A1, A2, A13, A14, A25, A26, AD2, AD25, AE1,
AE3, AE24, AE26, AF1, AF2, AF13, AF14,
AF25, AF26, B1, B3, B24, B26, C2, C25, N1,
N26, P1, P26
Ground. GND is the 0-V reference for the device.
VCC
AC4, AC9, AC13, AC18, AC23, AD3, AD24,
AE2, AE25, B2, B25, C3, C24, D4, D9, D14,
D18, D23, J4, J23, N4, V4, V23, P23
Supply voltage. VCC = 3.3 ± 0.3 V
VCC(5V)
AB2, AB25, AE5, AE9, AE14, AE18, AE22, B5,
B9, B13, B18, B22, E2, E25, J2, J25, N25, P2,
V2, V25
Supply voltage. VCC(5V) = 5 ± 0.5 V. VCC(5V) is for the I/O periphery only
and is used for the 5-V tolerant pads only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com