Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 59 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 59 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 55Page - Texas Instruments TNETX3150AGGP Datasheet HTML 56Page - Texas Instruments TNETX3150AGGP Datasheet HTML 57Page - Texas Instruments TNETX3150AGGP Datasheet HTML 58Page - Texas Instruments TNETX3150AGGP Datasheet HTML 59Page - Texas Instruments TNETX3150AGGP Datasheet HTML 60Page - Texas Instruments TNETX3150AGGP Datasheet HTML 61Page - Texas Instruments TNETX3150AGGP Datasheet HTML 62Page - Texas Instruments TNETX3150AGGP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
59
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
write cycle timing
Following a start condition, the master must output the address of the slave it is accessing. The most-significant
four bits of the slave address are those of the device type identifier (see Figure 16). This is fixed as 1010 for
all devices. The EEPROM device address must be 000.
0
0
1
1
0
Device Type
Identifier
24C02
0
0
R/W
Device
Address
(Least-Significant Bit)
Figure 16. Device-Type Identifier and Address
The ECLK is an output from the TNETX3150/TNETX3150A. EDIO is an input if the TNETX3150/TNETX3150A
is reading the EEPROM or an output if it is written to the EEPROM (see Figures 17 through 19).
ECLK
Data Change
Data Stable
EDIO
Figure 17. Data Validity
ECLK
Stop Condition
Start Condition
EDIO
Figure 18. Start and Stop Definition
ECLK
EDIO
(input)
Acknowledge
Start
18
9
EDIO
(output)
Figure 19. Acknowledge Response from Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com