Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 47 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 47 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 43Page - Texas Instruments TNETX3150AGGP Datasheet HTML 44Page - Texas Instruments TNETX3150AGGP Datasheet HTML 45Page - Texas Instruments TNETX3150AGGP Datasheet HTML 46Page - Texas Instruments TNETX3150AGGP Datasheet HTML 47Page - Texas Instruments TNETX3150AGGP Datasheet HTML 48Page - Texas Instruments TNETX3150AGGP Datasheet HTML 49Page - Texas Instruments TNETX3150AGGP Datasheet HTML 50Page - Texas Instruments TNETX3150AGGP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
system NMON register at 0x00A2
BIT
7
6
5
4
3
2
1
0
Reserved
MONRXTX
MONWIDE
NMON
Initial Values After Reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7–6
Reserved
Reserved
5
MONRXTX
Selection of RX or TX signals when monitoring ports 00, 01, and 02 operating in nibble-interface format
Selection of monitor-port format width. When NMON = 0, the interface provides the SNI data format (only available
for ports operating in SNI). When MONWIDE = 1:
• The NMON interface is configured for nibble (4-bit) data. If MONWIDE = 1 when a port is operating in SNI
mode, only NMON00 is driven with data (NMON (01–03) are undriven).
• NMON06 is driven with an indication of the speed of the port; 0 = 10 Mbit/s, 1 = 100 Mbit/s.
4
MONWIDE
NMON Terminal Name
MONWIDE = 0
MONRXTX = X
MONWIDE = 1
MONRXTX = 0
MONWIDE =1
MONRXTX = 1
4
MONWIDE
NMON00
NMON01
NMON02
NMON03
NMON04
NMON05
NMON06
MXXRXD
MXXCRS
MXXRCLK
MXXTXD
MXXTXEN
MXXTCLK
MXXCOL
MXXRXD(0)
MXXRXD(1)
MXXRXD(2)
MXXRXD(3)
MXXRXDV
MXXRCLK
MXXSPEED
MXXTXD(0)
MXXTXD(1)
MXXTXD(2)
MXXTXD(3)
MXXTXEN
MXXTCLK
MXXSPEED
This nibble controls which port is monitored when using the NMON function.
NMON FIELD CODE
DESCRIPTION
3–0
NMON
0000–1110
Ports 00–14 selected for monitoring. Port 00 (uplink) can
be monitored only when M00UPLINK is high.
1111
Disables the NMON function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com