Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 21 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 17Page - Texas Instruments TNETX3150AGGP Datasheet HTML 18Page - Texas Instruments TNETX3150AGGP Datasheet HTML 19Page - Texas Instruments TNETX3150AGGP Datasheet HTML 20Page - Texas Instruments TNETX3150AGGP Datasheet HTML 21Page - Texas Instruments TNETX3150AGGP Datasheet HTML 22Page - Texas Instruments TNETX3150AGGP Datasheet HTML 23Page - Texas Instruments TNETX3150AGGP Datasheet HTML 24Page - Texas Instruments TNETX3150AGGP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receive arbitration
Receive arbitration biases the prioritization of the arbitration for received frames over transmitted frames. This
utilizes the TNETX3150/TNETX3150A buffering capability during heavy traffic loading, while increasing
transmission latency of the TNETX3150/TNETX3150A. Receive arbitration is selected by setting the RXARB
bit (bit 5) in the serial input/output (SIO) register.
The normal arbitration scheme is extended to bias the receive priority and active transmissions over inactive
transmissions. The queue manager services buffer transfer requests between the port FIFOs and DRAM.
Receive requests and ongoing transmit requests take priority over transmissions that have not started (inactive
transmissions). If there are spare DRAM accesses available, an inactive transmit request is promoted to an
active transmit request. If there are no spare DRAM accesses, the transmit requests are arbitrated and all
ongoing transmissions are allowed to finish, with no new transmission started until the receive requests are
exhausted.
Port 00, when operated in uplink mode, is always assigned the transmit inactive priority. Even when granted
an active TX slot, one buffer is transferred (following the initial two buffers accrued before a frame start) before
the port renegotiates another TX active slot. Thus, port 00 TX in uplink mode has the lowest possible priority,
reducing the probability of frame loss through oversubscribed bandwidth, while increasing frame latency and
buffering requirements. When operating in this mode, external hardware must be provided to reconstruct the
frame due to port 00 uplink operation.
data transmission
Figure 4 shows a simplified 10-/100-/200-Mbit/s transmit block diagram.
Buffer
CRC
Flag
Information
Shifter
Buffer
Bit
FIFO Control
and Statistics
Information
Data
64
8
MUX
10-/100-
Mbit/s
Converter
Rate
Select
Data Output
Duplex
Nibble
4
Input From
FIFO
Flags Input From FIFO
TX Frame
TX FIFO
Control
Control
Control
Signal
Figure 4. 10-/100-/200-Mbits Transmit Block Diagram
serialization
Data entering from the FIFO as a 64-bit word is serialized for transmission at the transmit clock rate. This also
requires the data to be synchronized to the transmit clock rate from the TNETX3150/TNETX3150A internal
clock. The CRC block is used only to check that the frame still has a valid CRC. It is not used to recalculate a
new CRC for the frame. If the CRC does not match, the frame contents were corrupted through the switch and
are counted in the TX data-error counter.
backoff
The TNETX3150/TNETX3150A implements the IEEE Std 802.3 binary exponential backoff algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com