Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 36 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 36 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 32Page - Texas Instruments TNETX3150AGGP Datasheet HTML 33Page - Texas Instruments TNETX3150AGGP Datasheet HTML 34Page - Texas Instruments TNETX3150AGGP Datasheet HTML 35Page - Texas Instruments TNETX3150AGGP Datasheet HTML 36Page - Texas Instruments TNETX3150AGGP Datasheet HTML 37Page - Texas Instruments TNETX3150AGGP Datasheet HTML 38Page - Texas Instruments TNETX3150AGGP Datasheet HTML 39Page - Texas Instruments TNETX3150AGGP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRAM and EAM interfaces (continued)
Table 6. EAM Port Codes
TNETX3150/TNETX3150A
EAM15
EAM14 EAM05
EAM04
EAM03 EAM00
PORT
MODE SELECT
EAM14–EAM05
EAM04
EAM03–EAM00
Port 00 (uplink)
1
xxxxxxxxxx
0
0000
Port 01 (10/100 Mbit/s)
1
xxxxxxxxxx
0
0001
Port 02 (10/100 Mbit/s)
1
xxxxxxxxxx
0
0010
Port 03 (10 Mbit/s)
1
xxxxxxxxxx
0
0011
Port 04 (10 Mbit/s)
1
xxxxxxxxxx
0
0100
Port 05 (10 Mbit/s)
1
xxxxxxxxxx
0
0101
Port 06 (10 Mbit/s)
1
xxxxxxxxxx
0
0110
Port 07 (10 Mbit/s)
1
xxxxxxxxxx
0
0111
Port 08 (10 Mbit/s)
1
xxxxxxxxxx
0
1000
Port 09 (10 Mbit/s)
1
xxxxxxxxxx
0
1001
Port 10 (10 Mbit/s)
1
xxxxxxxxxx
0
1010
Port 11 (10 Mbit/s)
1
xxxxxxxxxx
0
1011
Port 12 (10 Mbit/s)
1
xxxxxxxxxx
0
1100
Port 13 (10 Mbit/s)
1
xxxxxxxxxx
0
1101
Port 14 (10 Mbit/s)
1
xxxxxxxxxx
0
1110
Broadcast channel
1
xxxxxxxxxx
0
1111
No operation (discard)
1
xxxxxxxxxx
1
xxxx
Frame discard
0
0000000000
0
0000
Bit-map mode
0
EAM14–EAM0 equals port destination bit map
VLAN support
For the single-address-per-port mode, TNETX3150/TNETX3150A provides a VLAN register per port. Each
register contains a bit map to indicate the VLAN group for the port. All broadcast/multicast traffic received on
that port is sent only to the ports that are a part of the same VLAN.
The EAM14–EAM00 inputs, when EAM15 (mode select) is low, provide a mechanism for the EAM interface to
specify which destination port or group of destination ports must be used to transmit the frame. Each signal
represents one destination port. Asserting just one signal sends the frame to one destination port and asserting
more than one signal allows the same frame to be transmitted to multiple ports. This allows the EAM interface
to limit the broadcast/multicast traffic within the VLAN. This mode of operation employs the IOB mechanism to
append the frames onto the transmit queues of the ports used for frame transmission. The IOB mechanism is
an inefficient way to send frames to single ports when individual port codes can be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com