Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 72 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 72 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 68Page - Texas Instruments TNETX3150AGGP Datasheet HTML 69Page - Texas Instruments TNETX3150AGGP Datasheet HTML 70Page - Texas Instruments TNETX3150AGGP Datasheet HTML 71Page - Texas Instruments TNETX3150AGGP Datasheet HTML 72Page - Texas Instruments TNETX3150AGGP Datasheet HTML 73Page - Texas Instruments TNETX3150AGGP Datasheet HTML 74Page - Texas Instruments TNETX3150AGGP Datasheet HTML 75Page - Texas Instruments TNETX3150AGGP Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
72
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IOB operation (continued)
When all multicast buffers have been linked onto the receive queue, the receive queue is linked to the transmit
queues on which the multicast data is to be transmitted. The ports to which the data is sent can be defined two
ways. If no external addressing logic is used, the multicast data is linked to all active ports. These are defined
in the port bit map held in the VLAN register for the port on which the data was received. Alternatively, the port
bit map presented on the EAM interface terminals is used. The data is linked to the active port subset of that
defined on the terminals.
Having determined the list of transmit queues onto which the IOB data is linked, the forward pointer for each
transmit queue is updated to point to the head of the receive queue (IOB data). In this way, the multicast data
buffers appear linked to multiple queues without the program of replicating the multicast data. The index buffer
is used to preserve the separate transmit queues as they form, following the IOB data frame. Each index buffer
contains a forward pointer referencing the continuation of the transmit queue for every port. As new transmit
queue data is queued, the forward pointers in the index buffer are updated to reflect the continuation of the
independent transmit queues (see Figure 30).
The IOB frame buffers can be returned to the free buffer queue only when all ports have transmitted the IOB
data. Since there can be a large discrepancy between the first port completing transmission and the last (due
to a long transmit queue before the IOB data), a tag field is used to record which ports have transmitted the IOB
data from the list of ports where the data was to be sent originally. The tag field also is stored in the index buffer.
When the last port tag is cleared, all the buffers can be returned to the free pool of buffers.
The buffers can be freed only after the last transmission, by which stage the forward pointer pointing to the head
of the IOB buffers is freed. The return address field of the index buffer is used to store the head address of the
IOB buffers. Thus, even after the last IOB transmission, the head of the IOB buffers remains known. Freeing
the buffers is done by writing the pointer at the top of the free queue to the last forward pointer of the IOB buffers
and moving the return address to the top of the free queue, adding the used IOB buffers to the top of the free
queue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com