Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 29 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 29 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 25Page - Texas Instruments TNETX3150AGGP Datasheet HTML 26Page - Texas Instruments TNETX3150AGGP Datasheet HTML 27Page - Texas Instruments TNETX3150AGGP Datasheet HTML 28Page - Texas Instruments TNETX3150AGGP Datasheet HTML 29Page - Texas Instruments TNETX3150AGGP Datasheet HTML 30Page - Texas Instruments TNETX3150AGGP Datasheet HTML 31Page - Texas Instruments TNETX3150AGGP Datasheet HTML 32Page - Texas Instruments TNETX3150AGGP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
uplink frame control (continued)
The FIFO is loaded with two buffers before transmission begins; this ensures a minimum transmission of 128
bytes before potential underrun can occur. Following an underrun, only one buffer is transferred with a minimum
of 64 bytes following an underrun. During transmission of a long frame (during high-traffic loads), multiple
underruns can occur.
If M00RXDVX is taken high during the data receive state of an uplink-frame reception, the data reception is
stalled until M00RXDVX is returned low. This directly connects M00TXER to M00RXDVX. This simplifies the
cascade interface, permitting the transmitting TNETX3150/TNETX3150A to apply frame control (due to
underunning) and the receiving TNETX3150/TNETX3150A to reconstruct the received frame before
transmission.
NMON interface
The NMON interface (see Figure 11) provides complete network monitoring capability at 10 Mbit/s and a partial
capability at 100 Mbit/s for the 10/100-Mbits ports. TNETX3150/TNETX3150A port selection is based on the
NMON register (0xA2). See Table 2.
The interface permits two modes of operation:
D 10-Mbit/s mode (seven-wire SNI): ports 00, 01, and 02 must be used in 10-Mbit/s SNI bit-serial mode of
operation. The signals that are provided by the interface are 10-Mbit/s bit-serial, MXXRXD, MXXRCLK,
MXXCRS, MXXCOL, MXXTXD, MXXTCLK, and MXXTXEN.
D 100-Mbit/s mode (four-bit, MII either RX or TX): if ports 00, 01, and 02 are operated in 100-Mbit/s mode (or
10-Mbit/s non-SNI), the user can select the interface to access RX or TX. If ports 03–14 are monitored in
this mode and enabled by setting the MONWIDE bit high, only the least-significant bit of the interface
contains network data (bits 1–3 are not driven). When monitoring RX data, MXXRXD3–MXXRXD0,
MXXRXDV, MXXRCLK, and MXXSPEED are provided. When monitoring TX data, MXXTXD3–MXXTXD0,
MXXTXEN, MXXTCLK, and MXXSPEED are provided.
This interface monitors the signals before any MAC processing is performed by the TNETX3150/TNETX3150A.
An RMON probe can monitor every packet on the segment connected to the port. The port selection is made
by writing to the NMON port select field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com