Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 13Page - Texas Instruments TNETX3150AGGP Datasheet HTML 14Page - Texas Instruments TNETX3150AGGP Datasheet HTML 15Page - Texas Instruments TNETX3150AGGP Datasheet HTML 16Page - Texas Instruments TNETX3150AGGP Datasheet HTML 17Page - Texas Instruments TNETX3150AGGP Datasheet HTML 18Page - Texas Instruments TNETX3150AGGP Datasheet HTML 19Page - Texas Instruments TNETX3150AGGP Datasheet HTML 20Page - Texas Instruments TNETX3150AGGP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
summary of signal terminals by signal group function
PORT DESCRIPTION
NUMBER OF
SIGNALS
MULTIPLIER
TOTAL
LED
4
1
4
10-Mbit/s port
9
12
108
10-/100-Mbit/s port
20
2
40
10-/100-/200-Mbit/s uplink
30
1
30
DIO
13
1
13
EAM port
16
1
16
EEPROM interface
2
1
2
DRAM interface
51
1
51
Miscellaneous
3
1
3
JTAG
5
1
5
NMON
7
1
7
Total design
279
SUMMARY
Assigned balls
279
Unassigned balls (Reserved)
1
Power balls VCC(5V)
20
Power balls VCC
24
Power balls GND
28
Total number of balls
352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com