Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 98 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 98 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 94Page - Texas Instruments TNETX3150AGGP Datasheet HTML 95Page - Texas Instruments TNETX3150AGGP Datasheet HTML 96Page - Texas Instruments TNETX3150AGGP Datasheet HTML 97Page - Texas Instruments TNETX3150AGGP Datasheet HTML 98Page - Texas Instruments TNETX3150AGGP Datasheet HTML 99Page - Texas Instruments TNETX3150AGGP Datasheet HTML 100Page - Texas Instruments TNETX3150AGGP Datasheet HTML 101Page - Texas Instruments TNETX3150AGGP Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
98
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO read cycle
D The TNETX3150/TNETX3150A host-register address data is placed on address terminals SAD1–SAD0
and SRNW is held high.
D After setup time, SCS is taken low, initiating the read cycle.
D After delay following SCS low, SDATA7–SDATA0 is released from the Z state.
D After delay following SCS low, SDATA7–SDATA0 is driven with valid data and SRDY is pulled low. The host
can access the data.
D SCS is taken high by the host upon completion of the cycle, causing SRDY to be deasserted and SRDY
is driven high for one clock cycle before being placed in the Z state. SDATA7–SDATA0 is also placed in the
Z state.
timing requirements over recommended operating conditions (see Note 12 and Figure 40)
read cycle DIO interface
NO
TNETX3150
TNETX3150A
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tw(SCS)
Pulse duration, SCS low
40
40
ns
2
tsu(SAD)
Setup time, SAD1–SAD0 valid before SCS
↓
0
0
ns
3
tsu(SRNW)
Setup time, SRNW high before SCS
↓
0
0
ns
NOTE 12: SRDY should be held high using an external pullup resistor to ensure correct system operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com