Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 2 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 2 Page - Texas Instruments

  TNETX3150AGGP Datasheet HTML 1Page - Texas Instruments TNETX3150AGGP Datasheet HTML 2Page - Texas Instruments TNETX3150AGGP Datasheet HTML 3Page - Texas Instruments TNETX3150AGGP Datasheet HTML 4Page - Texas Instruments TNETX3150AGGP Datasheet HTML 5Page - Texas Instruments TNETX3150AGGP Datasheet HTML 6Page - Texas Instruments TNETX3150AGGP Datasheet HTML 7Page - Texas Instruments TNETX3150AGGP Datasheet HTML 8Page - Texas Instruments TNETX3150AGGP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
All 15 ports are full-duplex capable. With full-duplex capability, ports 03–14 can support 20-Mbit/s connections
and ports 01–02 can support 200-Mbit/s connections to desktops or high-speed servers through external
physical (PHY) layers. The uplink port 00 can provide a 400-Mbit/s (200 Mbit/s full duplex) connection for either
external-switching fabric, external routing engine, or high-speed stacking links. ThunderSWITCH is capable of
supporting VLAN for workgroup and segment-switching applications.
Data received from the media-access controller (MAC) interface is buffered in the RX FIFO before storage in
external buffer memory under control of the queue management (QM) logic. Both QM and MAC blocks apply
round-robin arbitration to maintain bandwidth and fast data transfer of the first-in, first-out (FIFO) subsystem
without contention.
The TNETX3150/TNETX3150A has three modes for making forwarding decisions: internal single-address
compare, external address match (EAM) interface, and frame tagging on the uplink port. All the 10-Mbit/s ports
internally support switching a single MAC address per port. An EAM interface is supplied to support multiple
addresses per port. External-address-matching hardware is required to support multiple users on one port.
Ports 01 and 02 (10-/100-Mbit/s high-speed connection) are similarly restricted. The uplink port 00 does not
have any internal address register and can support multiple addresses.
Upon transmission, frame data is obtained from the buffer memory and buffered temporarily into the TX FIFO
before transmission on the relevant MAC port. If a collision occurs during transmission, data recovery and
retransmission occur from the TX FIFO.
Statistics for the Etherstat and RMON management-information base are independently collected for each of
the 15 ports. Access to the statistics counters is provided via the direct input/output (DIO) interface. The DIO
interface is intended only for configuration and monitoring operations.
The TNETX3150/TNETX3150A utilizes a standard 60-ns memory solution (EDO DRAM).The packet memory
has been implemented to effectively support both single-access operation and page-burst-access operation.
All DRAM buffer transfers are made within a page boundary, permitting fast-burst accesses. A high-memory
bandwidth is maintained, allowing all ports to be active without bottlenecking at the memory buffer. The
TNETX3150/TNETX3150A allows any port configuration, including those that may exceed the maximum
buffer-memory bandwidth. This can cause packets to be dropped. To avoid these conditions, the port
configurations should be restricted so that the maximum allowable bandwidth to external buffer memory is not
exceeded.
Packets are routed to local ports based on the destination MAC address. The cut-through feature enables
transmission on the destination port before complete reception of the frame, which reduces the overall switch
latency. The cut-through feature can be employed for all situations where the transmission port is slower or
equal to the data rate on the receiving port. 100 Mbit/s can cut through to another 100-Mbit/s port or a 10-Mbit/s
port. However, a 10-Mbit/s port cannot cut through to a 100-Mbit/s port. For this case, local cut-through is
automatically disabled to prevent underflow. The cut-through feature can be disabled by either the receiving port
or transmitting port, on a per-port basis, by setting the store-and-forward option bits in the port-control registers.
If the TNETX3150/TNETX3150A is operating in store-and-forward mode, the entire frame must be received
before it is transmitted to the destination port. This provides the ability to filter frames that contain errors. This
mode can be configured either by using the port control registers or is used automatically when transmitting from
a low-speed to a high-speed port, since cut-through is not possible in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com