Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 23 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 19Page - Texas Instruments TNETX3150AGGP Datasheet HTML 20Page - Texas Instruments TNETX3150AGGP Datasheet HTML 21Page - Texas Instruments TNETX3150AGGP Datasheet HTML 22Page - Texas Instruments TNETX3150AGGP Datasheet HTML 23Page - Texas Instruments TNETX3150AGGP Datasheet HTML 24Page - Texas Instruments TNETX3150AGGP Datasheet HTML 25Page - Texas Instruments TNETX3150AGGP Datasheet HTML 26Page - Texas Instruments TNETX3150AGGP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
uplink port interface (port 00)
The uplink can be used as a 15th 10-/100-Mbit/s switched port, even though no address compare register exists
for it. Packets are switched to it by default if the destination address is not matched to any of the other 14 ports.
The uplink port implementation is similar to the 10-/100-Mbit/s port described previously. However, the uplink
port is capable of 200 Mbit/s by using byte-wide transfers rather than nibble transfers. This 200-Mbit/s wide
uplink mode is selected by asserting M00UPLINK low.
uplink multiplexing operation
With M00UPLINK set low, all packets are sent to the uplink port by default. Broadcast and unicast traffic received
on ports 01–14 are treated similarly (forwarded to the uplink only, if no local addressing is enabled). Identification
of broadcast traffic is retained for statistical counting purposes. The address-compare disable option bits
(ADRDIS) (port control register) are set for all ports except port 00. Local-address comparison is possible by
clearing the ADRDIS bits for the ports that take part in address comparison. Alternatively, the EAM interface
can be used in the normal manner. Setting M00UPLINK low also selects store-and-forward operation on all ports
to prevent data underflows and to permit frame-error filtering. If local-frame switching is employed, clearing the
relevant STFORRX bits for ports 01–14 and ensuring both STFORRX and STFORTX bits are set for port 00
(uplink), improves performance by permitting cut-through where possible (store-and-forward operation permits
frame-error filtering, but cut-through does not).
uplink TX pretagging
When M00UPLINK is low, it is desirable to have an indication of which port received the frame. This permits
an address lookup device to be connected to the uplink port, allowing incorporation of the
TNETX3150/TNETX3150A into a larger switch fabric. The TNETX3150/TNETX3150A provides one byte of
information (to identify the source port) on the Mll data terminals before M00TXEN is asserted. See Figure 5.
M00TCLK
M00TXD7–M00TXD0
M00COL
Don’t Care
01
TAG
DA, SA, Data, CRC
M00TXEN
Don’t Care
1-Byte Tag Field Added to Frame
No Preamble Transmitted at 200 Mbit/s.
Figure 5. Multiplex Operation for Uplink-Port Transmit Frames
The pretag byte format is as follows:
BIT 7
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reserved
Source Port Number
The source port number is coded as shown in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com