Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 71 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 71 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 67Page - Texas Instruments TNETX3150AGGP Datasheet HTML 68Page - Texas Instruments TNETX3150AGGP Datasheet HTML 69Page - Texas Instruments TNETX3150AGGP Datasheet HTML 70Page - Texas Instruments TNETX3150AGGP Datasheet HTML 71Page - Texas Instruments TNETX3150AGGP Datasheet HTML 72Page - Texas Instruments TNETX3150AGGP Datasheet HTML 73Page - Texas Instruments TNETX3150AGGP Datasheet HTML 74Page - Texas Instruments TNETX3150AGGP Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
71
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
address compare unit (continued)
MUX
Address Register
Compare
Encoder
Matched Address Signal
Load Register
Ethernet Address
48 Bits
Address Match Bus
Destination Channel Address
Figure 29. Address Compare Logic
port address register configuration
The port addresses can be assigned explicitly or dynamically. An address is explicitly assigned by writing it to
the port address registers via the DIO interface. An address is assigned dynamically by the
TNETX3150/TNETX3150A hardware, loading the register from the source address field of the received frames.
If the port is in secured mode, the address is loaded only once from the first frame. In unsecured mode, the
address is updated on every frame received.
The uplink port (port 00) does not have a port address register. If it receives a frame with a source address
securely assigned to another port, the uplink either disables or continues to operate, depending on the SECDIS
bit. When SECDIS is set, the port disables on receipt of a securely assigned address. When SECDIS is reset,
the port continues to operate. Port suspension, due to address mismatch, is not supported on the uplink. Since
no port address exists, suspension on a multiple-address port is not desirable.
IOB operation
This mode of handling broadcast traffic is selected by setting the IOBMOD bit in the system control register. IOB
handling ensures that frames that are broadcast follow the strict order in which they were received.
When a multicast frame is detected in IOB mode, the reception continues in the same manner as for a normal
store-and-forward frame. The buffers comprising the frame are linked in the receive queue.
When the end of frame is detected, an additional buffer is linked to the end of the receive queue. This buffer
is similar in size to a normal data buffer, but contains indexed queue information rather than frame data. To
distinguish between the types of buffers, bit 23 of the tag field is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com