Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 20 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 16Page - Texas Instruments TNETX3150AGGP Datasheet HTML 17Page - Texas Instruments TNETX3150AGGP Datasheet HTML 18Page - Texas Instruments TNETX3150AGGP Datasheet HTML 19Page - Texas Instruments TNETX3150AGGP Datasheet HTML 20Page - Texas Instruments TNETX3150AGGP Datasheet HTML 21Page - Texas Instruments TNETX3150AGGP Datasheet HTML 22Page - Texas Instruments TNETX3150AGGP Datasheet HTML 23Page - Texas Instruments TNETX3150AGGP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RX filtering of non-cut-through frames
The TNETX3150/TNETX3150A filters RX frames (CRC, alignment, jabber, etc.) that contain errors when
operating in store-and-forward mode. A frame that might be cut-through can be non-cut-through if its destination
is busy. If it contains any error, it is filtered. The error is recorded in the relevant statistic counter, with all used
buffers being recovered and returned to the free queue.
deserialization
The raw data is deserialized before further processing. The data is formed into 64-bit words. The received data
is synchronized with the internal clock of the TNETX3150/TNETX3150A.
receive control
Receiver control is partitioned into two blocks:
1.
The frame-control block schedules all receive operations (detection and removal of the preamble,
extraction of the addresses and frame length, data handling, and CRC checking. Also included is a
jabber-detection timer to detect greater-than-maximum-length frames being received on the network.
2.
The FIFO-control block places the received data into the FIFO buffers, while also detecting and flagging
erroneous data conditions in the flag byte.
TNETX3150/TNETX3150A MXXDUPLEX terminals
The MXXDUPLEX terminals are implemented as inputs with active pulldown circuitry, producing a
pseudo-bidirectional terminal.
An external PHY can weakly drive the DUPLEX line high, indicating an intention for duplex operation. the
TNETX3150/TNETX3150A can override this DUPLEX terminal input by pulling the line low. This is detected by
the PHY, which monitors the sense of the DUPLEX signal, causing it to operate in half-duplex mode. Thus, the
TNETX3150/TNETX3150A can force the PHY into half-duplex operation when desired (during testing for
example). See Figure 3.
PHY
Resistor
Duplex Signal
Weakly Driven
Duplex Signal
Sense Feedback
TNETX3150/TNETX3150A
Duplex
Forced HD
GND
Active
Pulldown
Input
Signal
MXXDUPLEX
Figure 3. MXXDUPLEX Signal Connection
If the PHY is driven only in half-duplex operation, a pulldown resistor should be permanently attached to the
DUPLEX signal.
If the PHY is operated in full duplex (with the option of the TNETX3150/TNETX3150A forcing half duplex), a
pullup resistor should be placed on the DUPLEX signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com