Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 3 Page - Texas Instruments

  TNETX3150AGGP Datasheet HTML 1Page - Texas Instruments TNETX3150AGGP Datasheet HTML 2Page - Texas Instruments TNETX3150AGGP Datasheet HTML 3Page - Texas Instruments TNETX3150AGGP Datasheet HTML 4Page - Texas Instruments TNETX3150AGGP Datasheet HTML 5Page - Texas Instruments TNETX3150AGGP Datasheet HTML 6Page - Texas Instruments TNETX3150AGGP Datasheet HTML 7Page - Texas Instruments TNETX3150AGGP Datasheet HTML 8Page - Texas Instruments TNETX3150AGGP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The TNETX3150/TNETX3150A supports VLANs. This can be done two ways: 1) In the single-address-per-port
mode, internal VLAN registers are used to configure the destination ports for broadcast/multicast packets. 2)
The EAM interface provides a hardware mechanism to control broadcast/multicast packets based on the code
provided on that interface. See
EAM interface and VLAN support for more details.
The TNETX3150/TNETX3150A is fabricated with a 3.3-V technology. The inputs are 5-V tolerant and the 3.3-V
outputs can directly interface to 5-V TTL-logic levels. This provides the customer with a broad choice of
interfacing-device options.
The TNETX3150/TNETX3150A is JTAG compliant with one exception; they do require external pullup resistors
on the TDI, TMS, and TRST input terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com