Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 81 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 81 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 77Page - Texas Instruments TNETX3150AGGP Datasheet HTML 78Page - Texas Instruments TNETX3150AGGP Datasheet HTML 79Page - Texas Instruments TNETX3150AGGP Datasheet HTML 80Page - Texas Instruments TNETX3150AGGP Datasheet HTML 81Page - Texas Instruments TNETX3150AGGP Datasheet HTML 82Page - Texas Instruments TNETX3150AGGP Datasheet HTML 83Page - Texas Instruments TNETX3150AGGP Datasheet HTML 84Page - Texas Instruments TNETX3150AGGP Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
81
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
glossary (continued)
late collisions
The number of times that a collision is detected on a particular interface later than 512-bit times into the
transmission of a packet
multicast RX frames
The total number of good packets received that were directed to the multicast address. This does not include
packets directed to the broadcast address.
For the 100-Mbit/s ports, the counter records the sum of alignment errors and code errors (frame received with
RX error signal).
multicast TX frames
The total number of packets transmitted that were directed to a multicast address. This number does not include
packets directed to the broadcast address. See IEEE Std 802.3 Supplements, Layer Management (section 5)
5.2.2.1.1, number 7.
multiple-collision TX frames
A count of successfully transmitted frames on a particular interface for which transmission is inhibited by more
than one collision
net octets
The total number of octets of data (including those in bad packets) received on the network (excluding framing
bits but including frame check sequence (FCS) octets). This object can be used as a reasonable indication of
Ethernet utilization.
oversize RX frames
The total number of packets received that were longer than 1518 octets (excluding framing bits, but including
FCS octets) and were otherwise well formed. If SYSCTRL option bit LONG is set, the number is 1536 octets.
RX align/code errors
For the 10-Mbit/s ports, the counter records alignment errors.
RX and TX frame 64
The total number of packets (including bad packets) received and transmitted that were 64 octets in length
(excluding framing bits but including FCS octets)
RX and TX frames 65–127
The total number of packets (including bad packets) received and transmitted that were between 65 and 127
octets in length inclusive (excluding framing bits but including FCS octets)
RX and TX frames 128–255
The total number of packets (including bad packets) received and transmitted that were between 128 and 255
octets in length inclusive (excluding framing bits but including FCS octets)
RX and TX frames 256–511
The total number of packets (including bad packets) received and transmitted that were between 256 and 511
octets in length inclusive (excluding framing bits but including FCS octets)
RX and TX frames 512–1023
The total number of packets (including bad packets) received and transmitted that were between 512 and 1023
octets in length inclusive (excluding framing bits but including FCS octets)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com