Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150AGGP Datasheet(PDF) 99 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 99 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 95Page - Texas Instruments TNETX3150AGGP Datasheet HTML 96Page - Texas Instruments TNETX3150AGGP Datasheet HTML 97Page - Texas Instruments TNETX3150AGGP Datasheet HTML 98Page - Texas Instruments TNETX3150AGGP Datasheet HTML 99Page - Texas Instruments TNETX3150AGGP Datasheet HTML 100Page - Texas Instruments TNETX3150AGGP Datasheet HTML 101Page - Texas Instruments TNETX3150AGGP Datasheet HTML 102Page - Texas Instruments TNETX3150AGGP Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
99
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Note 12 and Figure 40)
read cycle DIO interface
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
4
tw(SRDY)
Pulse duration, SRDY high
20
20
ns
5
td(SRNW)
Delay time, from SRDY
↓ to SRNW↓
0
0
ns
6
td(SAD)
Delay time, from SRDY
↓ to SAD1–SAD0 invalid
0
0
ns
7
td(SDATA)1
Delay time from SRDY
↓ to SDATA7–SDATA0 valid
3
2
ns
8
td(SDATA)2
Delay time from SCS
↑ to SDATA7–SDATA0 invalid
0
10
0
60
ns
9
td(SCS–SRDY)1
Delay time, SCS
↓ to SRDY↓
0
0
ns
10
td(SCS–SRDY)2
Delay time, SCS
↑ to SRDY↑
0
20
0
60
ns
NOTE 12: SRDY should be held high using an external pullup resistor to ensure correct system operation.
9
2
1
5
6
7
4
10
Address
Data
SCS
(input)
SRNW
(input)
SAD1–SAD0
(input)
SDATA7–SDATA0
(output)
SRDY
(output)
OSCIN
(input)
8
3
Z
Z
Figure 40. DIO Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com