Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM9102AT Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
3
Version: DM9102A-DS-F03
August 28, 2000
(b). Transmit Descriptor Format......................................... 51
✧ Initialization Procedure................................................... 54
Data Buffer Processing Algorithm ..................................... 54
1. Receive Data Buffer Processing ................................... 54
2. Transmit Data Buffer Processing .................................. 55
✧ Network Function........................................................... 56
1. Overview......................................................................... 56
2. Receive Process and State Machine............................ 56
a. Reception Initiation ....................................................... 56
b. Address Recognition.................................................... 56
c. Frame Decapsulation................................................... 56
3. Transmit Process and State Machine........................... 56
a. Transmit Initiation.......................................................... 56
b. Frame Encapsulation................................................... 56
c. Collision......................................................................... 56
4. Physical Layer Overview ............................................... 56
✧ Serial Management Interface ........................................ 57
✧ Power Management ...................................................... 58
1. Overview......................................................................... 58
2. PCI Function Power Management Status .................... 58
3. The Power Management Operation ............................. 58
a. Detect Network Link State Change ............................. 58
b. Active Magic Packet Function...................................... 58
c. Active the Sample Frame Function ............................. 58
✧ Sample Frame Programming Guide............................. 60
Serial ROM Overview........................................................ 61
1. Subsystem ID Block....................................................... 61
2. SROM Version............................................................... 62
3. Controller Count ............................................................. 62
4. Controller_X Information................................................ 62
5. Controller Information Body Pointed By Controller_X Info
Block Offset Item in Controller Information Header....... 62
6. Example of DM9102A SROM Format.......................... 63
External MII/SRL Interface ................................................ 66
The Sharing Pin Table....................................................... 66
Absolute Maximum Ratings .............................................. 68
Operating Conditions......................................................... 68
DC Electrical Characteristics ............................................. 69
AC Electrical Characteristics & Timing Waveforms.......... 70
T PCI Clock Spec. Timing................................................. 70
T Other PCI Signals Timing Diagram............................... 70
T Multiplex Mode Boot ROM Timing................................ 71
T Direct Mode Boot ROM Timing..................................... 72
T EEPROM Timing........................................................... 72
T TP Interface.................................................................... 73
T Oscillator/Crystal Timing................................................ 73
T Auto-negotiation and Fast Link Pulse Timing Parameters
........................................................................................ 73
Package Information (128 pin, QFP) ................................ 75
Package Information (128 pin, TQFP).............................. 76
Ordering Information.......................................................... 77
Disclaimer .......................................................................... 77
Company Overview........................................................... 77
Products............................................................................. 77
Contact Windows............................................................... 77
Warning.............................................................................. 77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com