Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 47Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 48Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 49Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 50Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 51Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
48
Final
Version: DM9102A-DS-F03
August 28, 2000
b3 b2 b1 b0
0
0
0
0
In IDLE state
0
0
0
0
Ability match
0
0
1
0
Acknowledge match
00
11
Acknowledge match fail
0
1
0
0
Consistency match
01
01
Consistency match fail
0
1
1
0
Parallel detects signal_link_ready
0
1
1
1
Parallel detects signal_link_ready
fail
1
0
0
0
Auto-negotiation completed
successfully
10BASE-T Configuration/Status (10BTCSRCSR) - 12h
Bit
Name
Default
Description
18.15
Reserved
0, RO
Reserved:
Write as 0, ignore on read
18.14
LP_EN
1, RW
Link Pulse Enable:
1=Transmission of link pulses enabled
0=Link pulses disabled, good link condition forced
This bit is valid only in 10Mbps operation.
18.13
HBE
1,RW
Heartbeat Enable:
1=Heartbeat function enabled
0=Heartbeat function disabled
When the DM9102A is configured for Full Duplex operation, this bit will be
ignored (the collision/heartbeat function is invalid in Full Duplex mode). It must
set to be 1.
18.12
SQUELCH
1, RW
Squelch Enable
1 = normal squelch
0 = low squelch
18.11
JABEN
1, RW
Jabber Enable:
Enables or disables the Jabber function when the DM9102A is in 10BASE-T
Full Duplex or 10BASE-T Transceiver Loopback mode
1= Jabber function enabled
0= Jabber function disabled
18.10-18.0
Reserved
0, RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com