Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 66Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 67Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 68Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 69Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 70Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 71Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 72Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 73Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
70
Final
Version: DM9102A-DS-F03
August 28, 2000
AC Electrical Characteristics & Timing Waveforms
PCI Clock Specifications Timing
tHIGH
2.0V
0.8V
t R
t F
t LOW
tCYCLE
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tR
PCI_CLK rising time
-
-
4
ns
-
tF
PCI_CLK falling time
-
-
4
ns
-
tCYCLE
Cycle time
25
30
-
ns
-
tHIGH
PCI_CLK High Time
12
-
-
ns
-
tLOW
PCI_CLK Low Time
12
-
-
ns
-
Other PCI Signals Timing Diagram
tOFF
tH
tSU
Input
tON
Output
c LK
2.5V
tVAL (max)
t VAL (min)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tVAL
Clk-To-Signal Valid Delay
2
-
11
ns
Cload = 50 pF
tON
Float-To-Active Delay From Clk
2
-
-
ns
-
tOFF
Active-To-Float Delay From Clk
-
-
28
ns
-
tSU
Input Signal Valid Setup Time Before Clk
7
-
-
ns
-
tH
Input Signal Hold Time From Clk
0
-
-
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com