Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 65Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 66Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 67Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 68Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 69Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 70Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 71Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 72Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
Version: DM9102A-DS-F03
August 28, 2000
69
DC Electrical Characteristics
(0
°C<Tc<85°C, 3.135V<VCC<3.465V, unless otherwise noted)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Inputs
VIL
Input Low Voltage
---
---
0.8
V
VIH
Input High Voltage
2.0
---
---
V
IIL
Input Low Leakage Current
---
---
5
uA
VIN = 0V
IIH
Input High Leakage Current
5
---
---
uA
VIN = 3.3V
Outputs
VOL
Output Low Voltage
---
---
0.4
V
IOL = 4mA
VOH
Output High Voltage
2.4
---
---
V
IOH = -4mA
Receiver
VICM
RX+/RX- Common mode Input
Voltage
---
0.9
---
V
100
Ω Termination
Across
Transmitter
VTD100
100TX+/- Differential Output
Voltage
1.9
2.0
2.1
V
Peak to Peak
VTD10
10TX+/- Differential Output
Voltage
4.4
5
5.6
V
Peak to Peak
ITD100
100TX+/- Differential Output
Current
19
20
21
mA
Absolute Value
ITD10
10TX+/- Differential Output
Current
44
50
56
mA
Absolute Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com