Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 32Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 33Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 34Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
36
Final
Version: DM9102A-DS-F03
August 28, 2000
8
GEPC
X,RW
GEPD Bits Control
When in initialization, this bit is set and the unique “80h” must be written to the
GEPD(7:0). After initialization, this bit is reset and it controls the functional mode of
GEPD in bit0~7.
7
GEPD(7)
X,RW
General PHY Reset Control
It must be set to “1” if CR12<8> is set.
When CR12<8> is reset, write “1” to this bit will reset the PHY of the DM9102A.
6:0
GEPD(6:0)
XXXXXXX
,RW
General PHY Status
When CR12<8> is set at initialization, it operates the only write operation and write
the unique “0000000” to these seven bits.
After initialization, CR12<8> is reset, write operation is meaningless and read
these seven bits to indicate the PHY status.
These status bits are shown below.
bit 6:Current Media Link Status
bit 5:Signal Detection
bit 4:RX-lock
bit 3:Internal PHY Link status (the same as bit2 of PHY Register)
bit 2:Full-duplex
bit 1:Speed 100Mbps link
bit 0:Speed 10Mbps link
14. Sample Frame Access Register (CR13) (reference to Power Management section)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987
6
54
3
2
1
0
register
general definition
bit8 ~ 3
R/W
TxFIFO
transmit FIFO access port
32h
R/W
RxFIFO
receive FIFO access port
35h
R/W
DiagReset general reset for diagnostic pointer port
38h
W
15. Sample Frame Data Register (CR14) (reference to Power Management section)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987
6
54
3
2
1
0
16. Watchdog and Jabber Timer Register (CR15)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987
6
54
3
2
1
0
Bit
Name
Default
Description
31:25
Reserved
0,RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com