Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102AT Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # DM9102AT
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102AT Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button DM9102AT Datasheet HTML 58Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 59Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 60Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 61Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 62Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 63Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 64Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 65Page - List of Unclassifed Manufacturers DM9102AT Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
62
Final
Version: DM9102A-DS-F03
August 28, 2000
If bit4 = 0, WOL is Active HIGH.
If bit4=1, WOL is Active LOW
If bit6 = 0, WOL is PULSE signal
If bit6=1, WOL is DC LEVEL signal.
Byte Offset (09): New_Capabilities_Enable
0
1
7
Bit0: Directly mapping to bit20 (New Capabilities) of the
PCICS
Byte Offset (14): PMC
0
7
32
Bit7~3: Directly mapping to bit15~11 of PMC (that is
bit31~27 of Power Management Register)
Bit2~0: Directly mapping to bit5~3 of PMC (that is bit21~19
of Power Management Register)
Byte Offset (15):
0
3
4
7
Bit7~4: Reserved
Bit3: Set to disable the output of PME# pin.
Bit2: Set to disable the output of WOL pin.
Bit1: Set to enable the link change wake up event.
Bit0: Set to enable the Magic packet wake up event.
Byte Offset (16): ID_BLOCK_CRC
0
7
This field is implemented to confirm the correct reading of
the EEPROM contents.
2. SROM Version
Current version number is 03.
3. Controller Count
The configuration ROM supports multiple controllers in one
board. Every controller has its unique controller information
block. Controller count indicates the number of controllers
put in the card.
4. Controller_X Information
Each controller has its information block to address its node
ID, GPR control, supported connect media types (Media
Information Block) and other application circuit information
block.
Controller Information Header
ITEM
Offset
Size
Node Address
0
6
Controller_x Number
6
1
Controller_x Info. Block Offset
7
1
5. Controller Information Body Pointed By Controller_X
Info Block Offset Item In Controller Information Header:
Item
Offset
Size
Connection Type Selected
0
2
GPR Control
2
1
Block Count
3
1
Block_1
4
n
:
4+n
m
* Connect Type Selected indicates the default connect
media type selected.
* GPR Control defines the input or output direction of GPR.
There are three types of block:
1. PHY Information Block (type=01)
2. Media Information Block (type=00)
3. Delay Period Block (type=80)
PHY information Block: (type=01)
Item
Offset
Size
Block Length
0
1
Block Type(01)
1
1
PHY Number
2
1
GPR Initial Length(G_i)
3
1
GPR Initial Data
4
G_i
Reset Sequence Length(R_i)
4+G_i
1
Reset Data
5+G_i
R_i
Media Capabilities
5+G_i+R_i
2
Nway Advertisement
7+G_i+R_i
2
FDX Bit Map
9+G_i+R_i
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com